Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL4P1QL1C Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTL4P1QL1C
Description  4x10GBASE-LR Lite QSFP Optical Transceiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4P1QL1C Datasheet(HTML) 7 Page - Finisar Corporation.

  FTL4P1QL1C Datasheet HTML 1Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 2Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 3Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 4Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 5Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 6Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 7Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 8Page - Finisar Corporation. FTL4P1QL1C Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FTL4P1QL1C PRELIMINARY Product Specification – January 2015
F i n i s a r
 Finisar Corporation – 12-Jan-15 Rev A7
Finisar Confidential
Page 7
VIII. Environmental Specifications
Finisar FTL4P1QL1C transceivers have an operating temperature range from 0°C to +70°C
case temperature.
Environmental Specifications
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
IX.
Regulatory Compliance
Finisar FTL4P1QL1C transceivers are RoHS-6 Compliant. Copies of certificates are
available at Finisar Corporation upon request.
FTL4P1QL1C transceiver modules are Class 1 laser eye safety compliant per IEC 60825-1.
X.
Mechanical Specifications
The FTL4P1QL1C mechanical specifications are compliant to the QSFP+ MSA transceiver
module specifications.
Figure 2 – FTL4P1QL1C mechanical drawing
The FTL4P1QM1C pull tab color is dark blue Pantone 2748.


Similar Part No. - FTL4P1QL1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4P1QE1C FINISAR-FTL4P1QE1C Datasheet
575Kb / 9P
   4x10GBASE-LR QSFP Optical Transceiver Module
FTL4P1QM1C FINISAR-FTL4P1QM1C Datasheet
578Kb / 9P
   4x10GBASE-LR/W & OTN QSFP Optical Transceiver Module
More results

Similar Description - FTL4P1QL1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4P1QE1C FINISAR-FTL4P1QE1C Datasheet
575Kb / 9P
   4x10GBASE-LR QSFP Optical Transceiver Module
FTL4P1QM1C FINISAR-FTL4P1QM1C Datasheet
578Kb / 9P
   4x10GBASE-LR/W & OTN QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C2QE1C FINISAR-FTL4C2QE1C Datasheet
555Kb / 8P
   40GE LM4 QSFP Optical Transceiver Module
FTL4C1QM1C FINISAR-FTL4C1QM1C Datasheet
428Kb / 8P
   10km Multirate QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com