Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1200AD100R2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1200AD100R2
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200AD100R2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1200AD100R2 Datasheet HTML 7Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 8Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 9Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 10Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 11Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 12Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 13Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 14Page - ON Semiconductor NCP1200AD100R2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP1200A
http://onsemi.com
11
DRIVER
PULSES
DRIVER
PULSES
TIME
TIME
TIME
Drv
VCC
12 V
10 V
5.4 V
REGULATION
OCCURS
HERE
INTERNAL
FAULT FLAG
FAULT IS
RELAXED
FAULT OCCURS HERE
LATCHOFF
PHASE
STARTUP PHASE
Figure 21. If the fault is relaxed during the VCC natural fall down sequence, the IC automatically resumes.
If the fault still persists when VCC reached UVLOL, then the controller cuts everything off until recovery.
When this level crosses 5.4 V typical, the controller enters
a new startup phase by turning the current source on: VCC
rises toward 12 V and again delivers output pulses at the
UVLOH crossing point. If the fault condition has been
removed before UVLOL approaches, then the IC continues
its normal operation. Otherwise, a new fault cycle takes
place. Figure 21 shows the evolution of the signals in
presence of a fault.
Calculating the VCC Capacitor
As the above section describes, the fall down sequence
depends upon the VCC level: how long does it take for the
VCC line to go from 12 V to 10 V? The required time depends
on the startup sequence of your system, i.e. when you first
apply the power to the IC. The corresponding transient fault
duration due to the output capacitor charging must be less
than the time needed to discharge from 12 V to 10 V,
otherwise the supply will not properly start. The test consists
in either simulating or measuring in the lab how much time
the system takes to reach the regulation at full load. Let’s
suppose that this time corresponds to 6 ms. Therefore a VCC
fall time of 10 ms could be well appropriated in order to not
trigger the overload detection circuitry. If the corresponding
IC consumption, including the MOSFET drive, establishes
at 1.8 mA for instance, we can calculate the required
capacitor using the following formula: D
t
+ DV @ C
i
, with
DV = 2 V. Then for a wanted Dt of 10 ms, C equals 9 mF or
22
mF for a standard value. When an overload condition
occurs, the IC blocks its internal circuitry and its
consumption drops to 350
mA typical. This happens at
VCC = 10 V and it remains stuck until VCC reaches 5.4 V: we
are in latchoff phase. Again, using the calculated 22
mF and
350
mA current consumption, this latchoff phase lasts:
296 ms.


Similar Part No. - NCP1200AD100R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200 ONSEMI-NCP1200 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1200 ONSEMI-NCP1200 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200D100R2 ONSEMI-NCP1200D100R2 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
More results

Similar Description - NCP1200AD100R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com