Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6671 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C6671
Description  Fixed and Floating-Point Digital Signal Processor
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6671 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C6671_16 Datasheet HTML 5Page - Texas Instruments TMS320C6671_16 Datasheet HTML 6Page - Texas Instruments TMS320C6671_16 Datasheet HTML 7Page - Texas Instruments TMS320C6671_16 Datasheet HTML 8Page - Texas Instruments TMS320C6671_16 Datasheet HTML 9Page - Texas Instruments TMS320C6671_16 Datasheet HTML 10Page - Texas Instruments TMS320C6671_16 Datasheet HTML 11Page - Texas Instruments TMS320C6671_16 Datasheet HTML 12Page - Texas Instruments TMS320C6671_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 238 page
background image
TMS320C6671
SPRS756E—November 2010—Revised March 2014
Copyright 2014 Texas Instruments Incorporated
List of Figures
9
Submit Documentation Feedback
List of Figures
Figure 1-1
Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . .4
Figure 2-1
DSP Core Data Paths . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 2-2
Boot Mode Pin Decoding . . . . . . . . . . . . . . . . . . . . . . 24
Figure 2-3
No Boot/ EMIF16 Configuration Fields. . . . . . . . . . 26
Figure 2-4
Serial Rapid I/O Device Configuration Fields . . . . 26
Figure 2-5
Ethernet (SGMII) Device Configuration Fields . . . 27
Figure 2-6
PCI Device Configuration Fields. . . . . . . . . . . . . . . . 27
Figure 2-7
I2C Master Mode Device Configuration
Bit Fields . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 2-8
I2C Passive Mode Device Configuration
Bit Fields . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 2-9
SPI Device Configuration Bit Fields . . . . . . . . . . . . . 29
Figure 2-10
HyperLink Boot Device Configuration Fields. . . . 30
Figure 2-11
CYP 841-Pin BGA Package (Bottom View). . . . . . . 39
Figure 2-12
Pin Map Quadrants (Bottom View) . . . . . . . . . . . . . 39
Figure 2-13
Upper Left Quadrant—A (Bottom View) . . . . . . . . 40
Figure 2-14
Upper Right Quadrant—B (Bottom View) . . . . . . 41
Figure 2-15
Lower Right Quadrant—C (Bottom View) . . . . . . 42
Figure 2-16
Lower Left Quadrant—D (Bottom View). . . . . . . . 43
Figure 2-17
C66x DSP Device Nomenclature (including
the TMS320C6671) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 3-1
Device Status Register . . . . . . . . . . . . . . . . . . . . . . . . . 78
Figure 3-2
Device Configuration Register (DEVCFG) . . . . . . . 79
Figure 3-3
JTAG ID Register (JTAGID) . . . . . . . . . . . . . . . . . . . . . 79
Figure 3-4
DSP BOOT Address Register
(DSP_BOOT_ADDRn) . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 3-5
LRESETNMI PIN Status Register
(LRSTNMIPINSTAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 3-6
LRESETNMI PIN Status Clear Register
(LRSTNMIPINSTAT_CLR) . . . . . . . . . . . . . . . . . . . . . . . 81
Figure 3-7
Reset Status Register (RESET_STAT) . . . . . . . . . . . . 82
Figure 3-8
Reset Status Clear Register (RESET_STAT_CLR). . 82
Figure 3-9
Boot Complete Register (BOOTCOMPLETE) . . . . . 83
Figure 3-10
Power State Control Register (PWRSTATECTL) . . 83
Figure 3-11
NMI Generation Register (NMIGRx). . . . . . . . . . . . . 84
Figure 3-12
IPC Generation (IPCGRx) Registers . . . . . . . . . . . . . 85
Figure 3-13
IPC Acknowledgement (IPCARx) Registers. . . . . . 86
Figure 3-14
IPC Generation (IPCGRH) Registers . . . . . . . . . . . . . 86
Figure 3-15
IPC Acknowledgement Register (IPCARH) . . . . . . 87
Figure 3-16
Timer Input Selection Register (TINPSEL) . . . . . . . 88
Figure 3-17
Timer Output Selection Register (TOUTPSEL) . . . 90
Figure 3-18
Reset Mux Register (RSTMUXx). . . . . . . . . . . . . . . . . 90
Figure 3-19
DSP Suspension Control Register
(DSP_SUSP_CTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
Figure 3-20
Device Speed Register (DEVSPEED) . . . . . . . . . . . . 93
Figure 3-21
Chip Miscellaneous Control Register
(CHIP_MISC_CTL). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Figure 4-1
TeraNet 2A for C6671. . . . . . . . . . . . . . . . . . . . . . . . . . 96
Figure 4-2
TeraNet 3A for C6671. . . . . . . . . . . . . . . . . . . . . . . . . . 97
Figure 4-3
TeraNet 3P_A & B for C6671 . . . . . . . . . . . . . . . . . . . 99
Figure 4-4
TeraNet 6P_B and 3P_Tracer for C6671. . . . . . . . 100
Figure 5-1
C66x CorePac Block Diagram . . . . . . . . . . . . . . . . . 105
Figure 5-2
L1P Memory Configurations . . . . . . . . . . . . . . . . . . 106
Figure 5-3
L1D Memory Configurations . . . . . . . . . . . . . . . . . .107
Figure 5-4
L2 Memory Configurations . . . . . . . . . . . . . . . . . . . .108
Figure 5-5
CorePac Revision ID Register (MM_REVID)
Address - 0181 2000h . . . . . . . . . . . . . . . . . . . . . . . . .112
Figure 7-1
Input and Output Voltage Reference Levels
for AC Timing Measurements. . . . . . . . . . . . . . . . . .117
Figure 7-2
Rise and Fall Transition Time Voltage
Reference Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . .117
Figure 7-3
Core Before IO Power Sequencing . . . . . . . . . . . .120
Figure 7-4
IO Before Core Power Sequencing . . . . . . . . . . . .122
Figure 7-5
SmartReflex 4-Pin VID Interface Timing . . . . . . . .125
Figure 7-6
RESETFULL Reset Timing . . . . . . . . . . . . . . . . . . . . . .135
Figure 7-7
Soft/Hard-Reset Timing . . . . . . . . . . . . . . . . . . . . . . .135
Figure 7-8
Boot Configuration Timing . . . . . . . . . . . . . . . . . . . .136
Figure 7-9
Main PLL and PLL Controller . . . . . . . . . . . . . . . . . .137
Figure 7-10
PLL Secondary Control Register (SECCTL)) . . . . .141
Figure 7-11
PLL Controller Divider Register (PLLDIVn) . . . . . .142
Figure 7-12
PLL Controller Clock Align Control
Register (ALNCTL). . . . . . . . . . . . . . . . . . . . . . . . . . . . .142
Figure 7-13
PLLDIV Divider Ratio Change Status
Register (DCHANGE) . . . . . . . . . . . . . . . . . . . . . . . . . .143
Figure 7-14
SYSCLK Status Register (SYSTAT) . . . . . . . . . . . . . .143
Figure 7-15
Reset Type Status Register (RSTYPE) . . . . . . . . . . .144
Figure 7-16
Reset Control Register (RSTCTRL) . . . . . . . . . . . . . .145
Figure 7-17
Reset Configuration Register (RSTCFG). . . . . . . . .145
Figure 7-18
Reset Isolation Register (RSISO) . . . . . . . . . . . . . . . .146
Figure 7-19
Main PLL Control Register 0 (MAINPLLCTL0) . . .147
Figure 7-20
Main PLL Control Register 1 (MAINPLLCTL1) . . .147
Figure 7-21
Main PLL Controller/SRIO/HyperLink/PCIe
Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . .149
Figure 7-22
Main PLL Clock Input Transition Time . . . . . . . . .149
Figure 7-23
DDR3 PLL Block Diagram . . . . . . . . . . . . . . . . . . . . . .150
Figure 7-24
DDR3 PLL Control Register 0 (DDR3PLLCTL0). . .150
Figure 7-25
DDR3 PLL Control Register 1 (DDR3PLLCTL1). . .151
Figure 7-26
DDR3 PLL DDRCLK Timing. . . . . . . . . . . . . . . . . . . . .152
Figure 7-27
PASS PLL Block Diagram . . . . . . . . . . . . . . . . . . . . . .153
Figure 7-28
PASS PLL Control Register 0 (PASSPLLCTL0) . . . .153
Figure 7-29
PASS PLL Control Register 1 (PASSPLLCTL1) . . . .154
Figure 7-30
PASS PLL Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .155
Figure 7-31
TMS320C6671 Interrupt Topology . . . . . . . . . . . . .163
Figure 7-32
TMS320C6671 System Event Inputs —
C66x CorePac Primary Interrupts . . . . . . . . . . . . . .163
Figure 7-33
NMI and Local Reset Timing . . . . . . . . . . . . . . . . . . .183
Figure 7-34
HOUT Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .183
Figure 7-35
Configuration Register (CONFIG) . . . . . . . . . . . . . .191
Figure 7-36
Programmable Range n Start Address
Register (PROGn_MPSAR) . . . . . . . . . . . . . . . . . . . . .192
Figure 7-37
Programmable Range n End Address
Register (PROGn_MPEAR) . . . . . . . . . . . . . . . . . . . . .192
Figure 7-38
Programmable Range n Memory Protection
Page Attribute Register (PROGn_MPPA) . . . . . . .193
Figure 7-39
I2C Module Block Diagram. . . . . . . . . . . . . . . . . . . . .200
Figure 7-40
I2C Receive Timings . . . . . . . . . . . . . . . . . . . . . . . . . . .202
Figure 7-41
I2C Transmit Timings . . . . . . . . . . . . . . . . . . . . . . . . . .203


Similar Part No. - TMS320C6671_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6671_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655_15 Datasheet
1Mb / 245P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com