Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1200AD60R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1200AD60R2G
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200AD60R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1200AD60R2G Datasheet HTML 1Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 2Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 3Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 4Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 5Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 6Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 7Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 8Page - ON Semiconductor NCP1200AD60R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP1200A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Max TJ = 150°C,
VCC = 11 V unless otherwise noted.)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
Dynamic Self−Supply (All frequency versions, otherwise noted)
VCC Increasing Level at which the Current Source Turns−Off
VCC(off)
6
11.2
12.1
13.1
V
VCC Decreasing Level at which the Current Source Turns−On
VCC(on)
6
9.0
10
11
V
VCC Decreasing Level at which the Latchoff Phase Ends
VCC(latch)
6
5.4
V
Internal IC Consumption, No Output Load on Pin 5
ICC1
6
750
1000
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5, FSW = 40 kHz
ICC2
6
1.2
1.4
(Note 2)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5, FSW = 60 kHz
ICC2
6
1.4
1.6
(Note 2)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5, FSW = 100 kHz
ICC2
6
1.9
2.2
(Note 2)
mA
Internal IC Consumption, Latchoff Phase
ICC3
6
350
mA
Internal Startup Current Source (TJ > 0°C, pin 8 biased at 50 V)
High−Voltage Current Source, VCC = 10 V
IC1
8
4.0
7.0
mA
High−Voltage Current Source, VCC = 0
IC2
8
13
mA
Drive Output
Output Voltage Rise−Time @ CL = 1.0 nF, 10−90% of Output Signal
Tr
5
67
ns
Output Voltage Fall−Time @ CL = 1.0 nF, 10−90% of Output Signal
Tf
5
25
ns
Source Resistance
ROH
5
27
40
61
W
Sink Resistance
ROL
5
5.0
10
21
W
Current Comparator (Pin 5 unloaded unless otherwise noted)
Input Bias Current @ 1.0 V Input Level on Pin 3
IIB
3
0.02
mA
Maximum Internal Current Setpoint (Note 3)
ILimit
3
0.8
0.9
1.0
V
Default Internal Current Setpoint for Skip Cycle Operation
ILskip
3
360
mV
Propagation Delay from Current Detection to Gate OFF State
TDEL
3
90
160
ns
Leading Edge Blanking Duration (Note 3)
TLEB
3
250
ns
Internal Oscillator (VCC = 11 V, pin 5 loaded by 1.0 kW)
Oscillation Frequency, 40 kHz Version
fOSC
37
43
48
kHz
Built−in Frequency Jittering, fsw = 40 kHz
fjitter
350
kHz
Oscillation Frequency, 60 kHz Version
fOSC
53
61
68
kHz
Built−in Frequency Jittering, fsw = 60 kHz
fjitter
460
kHz
Oscillation Frequency, 100 kHz Version
fOSC
90
103
114
kHz
Built−in Frequency Jittering, fsw = 100 kHz
fjitter
620
kHz
Maximum Duty Cycle
Dmax
74
83
87
%
Feedback Section (VCC = 11 V, pin 5 unloaded)
Internal Pullup Resistor
Rup
2
20
k
W
Pin 3 to Current Setpoint Division Ratio
Iratio
3.3
Skip Cycle Generation
Default Skip Mode Level
Vskip
1
0.95
1.2
1.45
V
Pin 1 Internal Output Impedance
Zout
1
22
k
W
1. Max value at TJ = 0°C.
2. Maximum value @ TJ = 25°C, please see characterization curves.
3. Pin 5 loaded by 1.0 nF.


Similar Part No. - NCP1200AD60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200 ONSEMI-NCP1200 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1200 ONSEMI-NCP1200 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200D100R2 ONSEMI-NCP1200D100R2 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
More results

Similar Description - NCP1200AD60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com