Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1200AP60 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1200AP60
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200AP60 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1200AP60 Datasheet HTML 3Page - ON Semiconductor NCP1200AP60 Datasheet HTML 4Page - ON Semiconductor NCP1200AP60 Datasheet HTML 5Page - ON Semiconductor NCP1200AP60 Datasheet HTML 6Page - ON Semiconductor NCP1200AP60 Datasheet HTML 7Page - ON Semiconductor NCP1200AP60 Datasheet HTML 8Page - ON Semiconductor NCP1200AP60 Datasheet HTML 9Page - ON Semiconductor NCP1200AP60 Datasheet HTML 10Page - ON Semiconductor NCP1200AP60 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1200A
http://onsemi.com
7
APPLICATION INFORMATION
Introduction
The NCP1200A implements a standard current mode
architecture where the switch−off time is dictated by the
peak current setpoint. This component represents the ideal
candidate where low part−count is the key parameter,
particularly in low−cost AC−DC adapters, auxiliary
supplies, etc. Due to its high−performance High−Voltage
technology, the NCP1200A incorporates all the necessary
components normally needed in UC384X based supplies:
timing components, feedback devices, low−pass filter and
self−supply. This later point emphasizes the fact that
ON Semiconductor’s NCP1200A does NOT need an
auxiliary winding to operate: the product is naturally
supplied from the high−voltage rail and delivers a VCC to the
IC. This system is called the Dynamic Self−Supply (DSS).
Dynamic Self−Supply
The DSS principle is based on the charge/discharge of the
VCC bulk capacitor from a low level up to a higher level. We
can easily describe the current source operation with a bunch
of simple logical equations:
POWER−ON: IF VCC < VCCH THEN Current Source is
ON, no output pulses
IF VCC decreasing > VCCL THEN Current Source is OFF,
output is pulsing
IF VCC increasing < VCCH THEN Current Source is ON,
output is pulsing
Typical values are: VCCH = 12 V, VCCL = 10 V
To better understand the operational principle, Figure 15’s
sketch offers the necessary light:
Figure 15. The charge/discharge cycle over a
10
mF VCC capacitor
10.0 M
30.0 M
50.0 M
70.0 M
90.0 M
VCC
Current
Source
OFF
ON
OUTPUT PULSES
Vripple = 2 V
UVLOH = 12 V
UVLOL = 10 V
The DSS behavior actually depends on the internal IC
consumption and the MOSFET’s gate charge Qg. If we
select a MOSFET like the MTP2N60E, Qg max equals
22 nC. With a maximum switching frequency of 68 kHz for
the P60 version, the average power necessary to drive the
MOSFET (excluding the driver efficiency and neglecting
various voltage drops) is:
FSW ⋅ Qg ⋅ VCC with
FSW = maximum switching frequency
Qg = MOSFET’s gate charge
VCC = VGS level applied to the gate
To obtain the final IC current, simply divide this result by
VCC: Idriver = FSW ⋅ Qg = 1.5 mA. The total standby power
consumption at no−load will therefore heavily rely on the
internal IC consumption plus the above driving current
(altered by the driver’s efficiency). Suppose that the IC is
supplied from a 350 VDC line. The current flowing through
pin 8 is a direct image of the NCP1200A consumption
(neglecting the switching losses of the HV current source).
If ICC2 equals 2.3 mA @ TJ = 25°C, then the power
dissipated (lost) by the IC is simply: 350 x 2.3 m = 805 mW.
For design and reliability reasons, it would be interesting to
reduce this source of wasted power which increases the die
temperature. This can be achieved by using different
methods:
1. Use a MOSFET with lower gate charge Qg
2. Connect pin through a diode (1N4007 typically) to
one of the mains input. The average value on pin 8
becomes
VMAINS(peak)
@ 2
p
. Our power
contribution example drops to: 223 x 2.3 m = 512
mW. If a resistor is installed between the mains and
the diode, you further force the dissipation to
migrate from the package to the resistor. The
resistor value should account for low−line startups.
3. Permanently force the VCC level above VCCH with
an auxiliary winding. It will automatically
disconnect the internal startup source and the IC
will be fully self−supplied from this winding.
Again, the total power drawn from the mains will
significantly decrease. Make sure the auxiliary
voltage never exceeds the 16 V limit.


Similar Part No. - NCP1200AP60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200 ONSEMI-NCP1200 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1200 ONSEMI-NCP1200 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200D100R2 ONSEMI-NCP1200D100R2 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
More results

Similar Description - NCP1200AP60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com