Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0731712600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0731712600
Description  75 Ohms, BNC Jack, Bulkhead, PCB 3Ghz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0731712600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731712600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731712600
Status:
Active
Overview:
BNC RF Connectors
Description:
75 Ohms, BNC Jack, Bulkhead, PCB 3Ghz
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73171
Overview
BNC RF Connectors
Product Name
BNC 3 GHz
Style
PCB
UPC
800756778907
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
10.141/g
Orientation
Straight
PCB Mounting
Edge Mount
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
75#
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73171-260
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73171 Series
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0731712600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731712600 MOLEX-0731712600_V01 Datasheet
53Kb / 1P
   75 Ohms, BNC Jack, Bulkhead, PCB 3Ghz
More results

Similar Description - 0731712600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171-2600 MOLEX11-73171-2600 Datasheet
38Kb / 1P
   75 Ohms, BNC Jack, Bulkhead, PCB 3Ghz
0731712600 MOLEX-0731712600_V01 Datasheet
53Kb / 1P
   75 Ohms, BNC Jack, Bulkhead, PCB 3Ghz
0731711250 MOLEX11-0731711250 Datasheet
64Kb / 1P
   75 Ohms, BNC Jack PCB
0731711250 MOLEX-0731711250_V01 Datasheet
55Kb / 1P
   75 Ohms, BNC Jack PCB
0734152204 MOLEX11-0734152204 Datasheet
31Kb / 1P
   75 Ohms, Mini-BNC Jack, Right-Angle, Bulkhead, PCB
0734152204 MOLEX-0734152204_V01 Datasheet
33Kb / 1P
   75 Ohms, Mini-BNC Jack, Right-Angle, Bulkhead, PCB
73415-2204 MOLEX11-73415-2204 Datasheet
35Kb / 1P
   75 Ohms, Mini-BNC Jack, Right-Angle, Bulkhead, PCB
73131-7003 MOLEX11-73131-7003 Datasheet
33Kb / 1P
   75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Panel Isolated
0731711900 MOLEX-0731711900_V01 Datasheet
56Kb / 1P
   75 Ohms, BNC Jack, PCB Mount
73171-1900 MOLEX11-73171-1900 Datasheet
33Kb / 1P
   75 Ohms, BNC Jack, PCB Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com