Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C30 Datasheet(PDF) 9 Page - Texas Instruments

Part # SM320C30
Description  DIGITAL SIGNAL PROCESSOR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C30 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SM320C30 Datasheet HTML 5Page - Texas Instruments SM320C30 Datasheet HTML 6Page - Texas Instruments SM320C30 Datasheet HTML 7Page - Texas Instruments SM320C30 Datasheet HTML 8Page - Texas Instruments SM320C30 Datasheet HTML 9Page - Texas Instruments SM320C30 Datasheet HTML 10Page - Texas Instruments SM320C30 Datasheet HTML 11Page - Texas Instruments SM320C30 Datasheet HTML 12Page - Texas Instruments SM320C30 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
TMS320C30
DIGITAL SIGNAL PROCESSOR
SPRS032A – APRIL 1996 – REVISED JUNE 1997
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
pin functions
This section provides signal descriptions for the TMS320C30 in the microprocessor mode. The following tables
list each signal, the number of pins, type of operating mode(s) (that is, input, output, or high-impedance state
as indicated by I, O, or Z), and a brief description of its function. All pins labeled NC have special functions and
should not be connected by the user. A line over a signal name (for example, RESET) indicates that the signal
is active low (true at logic 0 level). The signals are grouped according to function.
TMS320C30 Pin Functions
PIN
TYPE†
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY‡
TYPE†
DESCRIPTION
WHEN
SIGNAL IS Z TYPE§
PRIMARY BUS INTERFACE
D31 – D0
32
I/O/Z
32-bit data port of the primary bus interface
S
H
R
A23 – A0
24
O/Z
24-bit address port of the primary bus interface
S
H
R
R/W
1
O/Z
Read / write for primary bus interface. R / W is high when a read is performed and low
when a write is performed over the parallel interface.
S
H
R
STRB
1
O/Z
External access strobe for the primary bus interface
S
H
RDY
1
I
Ready. RDY indicates that the external device is prepared for a primary-bus-interface
transaction to complete.
HOLD
1
I
Hold for primary bus interface. When HOLD is a logic low, any ongoing transaction
is completed. A23 – A0, D31 – D0, STRB, and R / W are in the high-impedance state
and all transactions over the primary bus interface are held until HOLD becomes a
logic high or the NOHOLD bit of the primary-bus-control register is set.
HOLDA
1
O/Z
Hold acknowledge for primary bus interface. HOLDA is generated in response to a
logic low on HOLD. HOLDA indicates that A23 – A0, D31 – D0, STRB, and R / W are
in the high-impedance state and that all transactions over the bus are held. HOLDA
is high in response to a logic high of HOLD or when the NOHOLD bit of the
primary-bus-control register is set.
S
EXPANSION BUS INTERFACE
XD31 – XD0
32
I/O/Z
32-bit data port of the expansion bus interface
S
R
XA12 – XA0
13
O/Z
13-bit address port of the expansion bus interface
S
R
XR / W
1
O/Z
Read / write signal for expansion bus interface. When a read is performed, XR / W is
held high; when a write is performed, XR / W is low.
S
R
MSTRB
1
O/Z
External memory access strobe for the expansion bus interface
S
IOSTRB
1
O/Z
External I / O access strobe for the expansion bus interface
S
XRDY
1
I
Ready signal. XRDY indicates that the external device is prepared for an expansion-
bus-interface transaction to complete.
CONTROL SIGNALS
RESET
1
I
Reset. When RESET is a logic low, the device is in the reset condition. When RESET
becomes a logic high, execution begins from the location specified by the reset vector.
INT3 – INT0
4
I
External interrupts
IACK
1
O/Z
Interrupt acknowledge. IACK is generated by the IACK instruction. IACK can be used
to indicate the beginning or end of an interrupt-service routine.
S
MC / MP
1
I
Microcomputer / microprocessor mode
XF1, XF0
2
I/O/Z
External flags. XF1 and XF0 are used as general-purpose I / Os or to support
interlocked processor instructions.
S
R
† I = input, O = output, Z = high-impedance state. All pins labeled NC have specified functions and should not be connected by the user.
‡ Quantity is the same for GEL and PPM packages unless otherwise noted.
§ S = SHZ active, H = HOLD active, R = RESET active


Similar Part No. - SM320C30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C30 TI1-SM320C30 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI-SM320C30GBM40 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
816Kb / 49P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM50 TI-SM320C30GBM50 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com