Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2822U Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2822U
Description  Dual, Wideband, Low-Noise Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2822U Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2822U Datasheet HTML 4Page - Texas Instruments OPA2822U Datasheet HTML 5Page - Texas Instruments OPA2822U Datasheet HTML 6Page - Texas Instruments OPA2822U Datasheet HTML 7Page - Texas Instruments OPA2822U Datasheet HTML 8Page - Texas Instruments OPA2822U Datasheet HTML 9Page - Texas Instruments OPA2822U Datasheet HTML 10Page - Texas Instruments OPA2822U Datasheet HTML 11Page - Texas Instruments OPA2822U Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA2822
8
SBOS188C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
103
104
105
106
107
108
120
100
80
60
40
20
0
CMRR
+PSRR
–PSRR
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
102
103
104
105
106
107
108
109
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
–210
20 log(A
OL)
∠ A
OL
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–200
–150
–100
–50
0
50
100
150
200
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
1W Internal
Power Limit
Single-Channel
1W Internal
Power Limit
Single-Channel
R
L = 25Ω
R
L = 100Ω
R
L = 50Ω
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (MHz)
0.1
1
10
100
10
1
10
0.1
0.01
0.001
1/2
OPA2822
402
402
Z
O
8
6
4
2
0
–2
–4
–6
–8
NONINVERTING OVERDRIVE RECOVERY
Time (40ns/div)
4
3
2
1
0
–1
–2
–3
–4
R
L = 100Ω
G = +2
See Figure 1
Output
Left Scale
Input Right Scale
8
6
4
2
0
–2
–4
–6
–8
INVERTING OVERDRIVE RECOVERY
Time (40ns/div)
R
L = 100Ω
R
F = 604Ω
G = –1
See Figure 2
Output
Input


Similar Part No. - OPA2822U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2822U TI-OPA2822U Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822U-2K5 TI-OPA2822U-2K5 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822U-2K5G4 TI-OPA2822U-2K5G4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822U/2K5 TI-OPA2822U/2K5 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822U/2K5G4 TI-OPA2822U/2K5G4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
More results

Similar Description - OPA2822U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com