Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F020-12C4FMLR Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS28F020-12C4FMLR
Description  Latchup Immunity of 250 mA on All Input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F020-12C4FMLR Datasheet(HTML) 2 Page - Texas Instruments

  TMS28F020-12C4FMLR Datasheet HTML 1Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 2Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 3Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 4Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 5Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 6Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 7Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 8Page - Texas Instruments TMS28F020-12C4FMLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TMS28F020
262144 BY 8 BIT
FLASH MEMORY
SMJS020C − OCTOBER 1994 − REVISED JANUARY 1998
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
W
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
DD PACKAGE
( TOP VIEW )
device symbol nomenclature
Temperature Range Designator
L=
0
°Cto 70°C
E=
− 40
°Cto 85°C
Q=
− 40
°C to 125°C
Package Designator
FM =
Plastic Leaded Chip-Carrier
DD =
Thin Small-Outline Package
Program/Erase Endurance
C5 = 100 000 Cycles
C4 = 10 000 Cycles
Speed Designator
-10 = 100 ns
-12 = 120 ns
-15 = 150 ns
-17 = 170 ns
-12
C5
FM
L
TMS28F020


Similar Part No. - TMS28F020-12C4FMLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F020-12 TI-TMS28F020-12 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F020-12C4FMLR

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCU04A IKSEMICON-IN74HCU04A Datasheet
163Kb / 6P
   High noise immunity characteristic of CMOS
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
logo
IK Semicon Co., Ltd
IN74HCT27A IKSEMICON-IN74HCT27A Datasheet
241Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC00A IKSEMICON-IN74HC00A Datasheet
231Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC04A IKSEMICON-IN74HC04A Datasheet
249Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
logo
Pan Jit International I...
PJESD6V2LC-4-AU PANJIT-PJESD6V2LC-4-AU Datasheet
148Kb / 6P
   Based on the electrostatic discharge immunity test
logo
IK Semicon Co., Ltd
IN74HC11A IKSEMICON-IN74HC11A Datasheet
185Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC02A IKSEMICON-IN74HC02A Datasheet
245Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC05A IKSEMICON-IN74HC05A Datasheet
286Kb / 6P
   High Noise Immunity Characteristic of CMOS Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com