Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C210A-12JL Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS27C210A-12JL
Description  PROGRAMMABLE READ-ONLY MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C210A-12JL Datasheet(HTML) 3 Page - Texas Instruments

  TMS27C210A-12JL Datasheet HTML 1Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 2Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 3Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 4Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 5Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 6Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 7Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 8Page - Texas Instruments TMS27C210A-12JL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TMS27C210A 65536 BY 16BIT UV ERASABLE
TMS27PC210A 65536 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS310D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table 2. Operation Modes
MODE†
FUNCTION
READ
OUTPUT
DISABLE
STANDBY
PROGRAMMING
VERIFY
PROGRAM
INHIBIT
SIGNATURE MODE
E
VIL
VIL
VIH
VIL
VIL
VIH
VIL
G
VIL
VIH
X
VIH
VIL
X
VIL
PGM
X
X
X
VIL
VIH
X
X
VPP
VCC
VCC
VCC
VPP
VPP
VPP
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
A9
X
X
X
X
X
X
VH‡
VH‡
A0
X
X
X
X
X
X
VIL
VIH
CODE
DQ0 − DQ15
Data Out
Hi-Z
Hi-Z
Data In
Data Out
Hi-Z
MFG
DEVICE
DQ0 − DQ15
Data Out
Hi-Z
Hi-Z
Data In
Data Out
Hi-Z
97
AB
† X can be VIL or VIH.
‡ VH = 12 V ± 0.5 V.
read / output disable
When the outputs of two or more TMS27C210As or TMS27PC210As are connected in parallel on the same bus,
the output of any particular device in the circuit can be read with no interference from competing outputs of the
other devices. To read the output of a single device, a low level signal is applied to the E and G pins. All other
devices in the circuit must have their outputs disabled by applying a high level signal to one of these pins.
latchup immunity
Latchup immunity on the TMS27C210A and TMS27PC210A is a minimum of 250 mA on all inputs and outputs.
This feature provides latchup immunity beyond any potential transients at the P.C. board level when the EPROM
is interfaced to industry standard TTL or MOS logic devices. The input/ output layout approach controls latchup
without compromising performance or packing density.
For more information see application report SMLA001, “Design Considerations; Latchup Immunity of the
HVCMOS EPROM Family”, available through TI Sales Offices.
power down
Active ICC supply current can be reduced from 50 mA to 500 µA by applying a high TTL input on E and to
100
µA by applying a high CMOS input on E. In this mode all outputs are in the high-impedance state.
erasure ( TMS27C210A)
Before programming, the TMS27C210A is erased by exposing the chip through the transparent lid to a high
intensity ultraviolet light (wavelength 2537 Å). The recommended minimum exposure dose (UV intensity
×
exposure time) is 15-W
•s/cm2. A typical 12-mW/cm2, filterless UV lamp erases the device in 21 minutes. The
lamp should be located about 2.5 cm above the chip during erasure. After erasure, all bits are in the high state.
Normal ambient light contains the correct wavelength for erasure; therefore, when using the TMS27C210A the
window should be covered with an opaque label.
initializing (TMS27PC210A)
The OTP TMS27PC210A PROM is provided with all bits in the logic high state then logic lows are programmed
into the desired locations. Logic lows programmed into an OTP PROM cannot be erased.


Similar Part No. - TMS27C210A-12JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C210A-12JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com