Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C040-12JE Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS27C040-12JE
Description  PROGRAMMABLE READ-ONLY MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C040-12JE Datasheet(HTML) 1 Page - Texas Instruments

  TMS27C040-12JE Datasheet HTML 1Page - Texas Instruments TMS27C040-12JE Datasheet HTML 2Page - Texas Instruments TMS27C040-12JE Datasheet HTML 3Page - Texas Instruments TMS27C040-12JE Datasheet HTML 4Page - Texas Instruments TMS27C040-12JE Datasheet HTML 5Page - Texas Instruments TMS27C040-12JE Datasheet HTML 6Page - Texas Instruments TMS27C040-12JE Datasheet HTML 7Page - Texas Instruments TMS27C040-12JE Datasheet HTML 8Page - Texas Instruments TMS27C040-12JE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TMS27C040 524288 BY 8BIT UV ERASABLE
TMS27PC040 524288 BY 8BIT
PROGRAMMABLE READONLY MEMORY
SMLS040F − NOVEMBER 1990 − REVISED SEPTEMBER 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Organization . . . 524288 by 8 Bits
D Single 5-V Power Supply
D Industry Standard 32-Pin Dual In-Line
Package and 32-Lead Plastic Leaded Chip
Carrier
D All Inputs/Outputs Fully TTL Compatible
D Static Operation (No Clocks, No Refresh)
D Max Access/Min Cycle Time
VCC ± 10%
’27C / PC040-10
100 ns
’27C / PC040-12
120 ns
’27C / PC040-15
150 ns
D 8-Bit Output For Use in
Microprocessor-Based Systems
D Power-Saving CMOS Technology
D 3-State Output Buffers
D 400-mV Assured DC Noise Immunity With
Standard TTL Loads
D Latchup Immunity of 250 mA on All Input
and Output Pins
D No Pullup Resistors Required
D Low Power Dissipation (VCC = 5.5 V)
− Active . . . 275 mW Worst Case
− Standby . . . 0.55 mW Worst Cas E
(CMOS-Input Levels)
D Temperature Range Options
description
The TMS27C040 devices are 524 288 by 8-bit
(4 194 304-bit), ultraviolet (UV) light erasable,
electrically programmable read-only memories
(EPROMs).
The TMS27PC040 devices are 524 288 by 8-bit
(4 194 304-bit), one-time programmable (OTP)
electrically programmable read-only memories
(PROMs).
These devices are fabricated using CMOS
technology for high speed and simple interface
with MOS and bipolar circuits. All inputs (including
program data inputs) can be driven by the Series
74 TTL circuits. Each output can drive one Series
74 TTL circuit without external resistors.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
430
15 16 17 18 19 20
TMS27C040
J PACKAGE
( TOP VIEW )
PIN NOMENCLATURE
A0 − A18
Address Inputs
DQ0 − DQ7
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
GND
Ground
VCC
5-V Supply
VPP
13-V Power Supply†
† Only in program mode.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A18
A17
A14
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
TMS27PC040
FM PACKAGE
( TOP VIEW )
Copyright
 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS27C040-12JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS27C040 TI-TMS27C040 Datasheet
193Kb / 15P
[Old version datasheet]   READ-ONLY MEMORIES
More results

Similar Description - TMS27C040-12JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com