Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC210A-10FNL Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS27PC210A-10FNL
Description  PROGRAMMABLE READ-ONLY MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27PC210A-10FNL Datasheet(HTML) 2 Page - Texas Instruments

  TMS27PC210A-10FNL Datasheet HTML 1Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 2Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 3Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 4Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 5Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 6Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 7Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 8Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TMS27C210A 65536 BY 16BIT UV ERASABLE
TMS27PC210A 65536 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS310D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS27C210A series are 65 536 by 16-bit (1 048 576-bit), ultraviolet-light erasable, electrically
programmable read-only memories (EPROMs).
The TMS27PC210A series are 65 536 by 16-bit (1 048 576-bit), one-time programmable (OTP) electrically
programmable read-only memories (PROMs).
These devices are fabricated using power-saving CMOS technology for high speed and simple interface with
MOS and bipolar circuits. All inputs ( including program data inputs) can be driven by Series 74 TTL circuits
without the use of external pullup resistors. Each output can drive one Series 74 TTL circuit without external
resistors.
The TMS27C210A EPROM is offered in a dual-in-line ceramic package (J suffix) designed for insertion in
mounting hole rows on 15,2-mm (600-mil) centers. The TMS27C210A is offered with two choices of
temperature ranges, 0
°C to 70°C (JL suffix) and − 40°C to 85°C (JE suffix). See Table 1.
The TMS27PC210A OTP PROM is offered in a 44-pin plastic leaded chip carrier package using 1,25-mm
(50-mil) lead spacing ( FN suffix). The TMS27PC210A is offered with two choices of temperature ranges,
0
°C to 70°C (FNL suffix) and −40°C to 85°C (FNE suffix). See Table 1.
Table 1. Temperature Range Suffixes
EPROM
AND
OTP PROM
SUFFIX FOR OPERATING
FREE-AIR TEMPERATURE
RANGES
0
°C to 70°C
− 40
°C to 85°C
TMS27C210A-xx
JL
JE
TMS27PC210A-xx
FNL
FNE
These EPROMs and OTP PROMs operate from a single 5-V supply ( in the read mode), they are ideal for use
in microprocessor based systems. One other (13 V) supply is needed for programming. All programming signals
are TTL level. For programming outside the system, existing EPROM programmers can be used.
operation
The seven modes of operation for the TMS27C210A and TMS27PC210A are listed in Table 2. The read mode
requires a single 5-V supply. All inputs are TTL level except for VPP during programming (13 V), and 12 V on
A9 for signature mode.


Similar Part No. - TMS27PC210A-10FNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC210A TI-TMS27PC210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC210A-10FNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com