Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP816 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP816
Description  TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP816 Datasheet(HTML) 3 Page - Texas Instruments

  TMP816 Datasheet HTML 1Page - Texas Instruments TMP816 Datasheet HTML 2Page - Texas Instruments TMP816 Datasheet HTML 3Page - Texas Instruments TMP816 Datasheet HTML 4Page - Texas Instruments TMP816 Datasheet HTML 5Page - Texas Instruments TMP816 Datasheet HTML 6Page - Texas Instruments TMP816 Datasheet HTML 7Page - Texas Instruments TMP816 Datasheet HTML 8Page - Texas Instruments TMP816 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OUT2P
OUT2N
V
CC
VLIM
SENSE
RMI
VTH
CPWM
FG
RD
OUT1P
OUT1N
SS
SGND
6VREG
ROFF
CT
IN+
HB
IN–
TMP816
www.ti.com
SLVS787A – MAY 2009 – REVISED JUNE 2015
5 Pin Configuration and Functions
PW Package
20-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OUT2P
1
O
Upper-side driver output
OUT2N
2
O
Lower-side driver output
Power supply. For the CM capacitor that is a power stabilization capacitor for PWM drive and for
absorption of kickback, the capacitance of 0.1
μF to 1 μF is used. In this device, the lower TR
VCC
3
performs current regeneration by switching the upper TR. Connect CM between VCC and GND,
with the thick pattern and along the shortest route. Use a Zener diode if kickback causes
excessive increase of the supply voltage, because such increase may damage the device.
Activates the current limiter when SENSE voltage is higher than VLIM voltage. Connect to
VLIM
4
I
6VREG when not used.
SENSE
5
I
Sense input. Connect to GND when not used.
Minimum speed setting. Connect to 6VREG when not used. If device power can be removed
RMI
6
I
before power is removed from RMI, insert a current limiting resistor to prevent inflow of large
current.
VTH voltage is generated by filtering the PWM-IN input. If device power can be removed before
VTH
7
I
power is removed from VTH, insert a current limiting resistor to prevent inflow of large current.
Connect to capacitor CP to set the PWM oscillation frequency. With CP = 100 pF, oscillation
CPWM
8
O
occurs at 25 kHz and provides the basic frequency of PWM.
Open collector output, which can detect the rotation speed using the FG output according to the
FG
9
O
phase shift. Leave open when not used.
RD
10
O
Open collector output. Outputs low during rotation and high at stop. Leave open when not used.
IN–
11
I
Hall input
HB
12
O
This is a Hall element bias, that is, the 1.5-V constant-voltage output.
Hall input. Make connecting traces as short as possible to prevent carrying of noise. To futher
limit noise, insert a capacitor between IN+ and IN–. The Hall input circuit is a comparator having
IN+
13
I
a hysteresis of 20 mV. The application should ensure that the Hall input level more than three
times (60 mVp-p) this hysteresis.
CT
14
O
Lock detection time setting. Capacitor CT is connected.
Sets the soft switching time to cut the reactive current before phase change. Connect to 6VREG
ROFF
15
I
when not used.
6VREG
16
O
6-V regulator output
SGND
17
Connected to the control circuit power supply system.
Connect to soft-start setting capacitor. Connect the capacitor between 6VREG and SS. Enables
SS
18
O
setting of the soft-start time according to the capacity of the capacitor (see Figure 3 and
Figure 4). Connect to ground if not used.
OUT1N
19
O
Lower-side driver output
OUT1P
20
O
Upper-side driver output
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP816


Similar Part No. - TMP816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results

Similar Description - TMP816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com