Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75161AWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75161AWM
Description  IEEE-488 GPIB Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75161AWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS75161AWM Datasheet HTML 1Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 2Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 3Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 4Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 5Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 6Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 7Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 8Page - National Semiconductor (TI) DS75161AWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Switching Characteristics (Note 7)
V
CC = 5.0V ±5%,TA = 0˚C to 70˚C
Symbol
Parameter
From
To
Conditions
DS75160A
DS75161A
DS75162A
Units
Min Typ Max Min Typ Max Min Typ Max
t
PLH
Propagation Delay Time,
V
L = 2.3V
10
20
10
20
10
20
ns
Low to High Level Output
Terminal
Bus
R
L = 38.3Ω
t
PHL
Propagation Delay Time,
C
L = 30 pF
14
20
14
20
14
20
ns
High to Low Level Output
Figure 1
t
PLH
Propagation Delay Time,
V
L = 5.0V
14
20
14
20
14
20
ns
Low to High Level Output
Bus
Terminal R
L = 240Ω
t
PHL
Propagation Delay Time,
C
L = 30 pF
10
20
10
20
10
20
ns
High to Low Level Output
Figure 2
t
PZH
Output Enable Time
V
I = 3.0V
19
32
23
40
23
40
ns
to High Level
V
L = 0V
t
PHZ
Output Disable Time
TE, DC,
R
L = 480Ω
15
22
15
25
15
25
ns
From High Level
or SC
C
L = 15 pF
Figure 1
t
PZL
Output Enable Time
(Note 8)
Bus
V
I = 0V
24
35
28
48
28
48
ns
to Low Level
(Note 9)
V
L = 2.3V
t
PLZ
Output Disable Time
R
L = 38.3Ω
17
25
17
27
17
27
ns
From Low Level
C
L = 15 pF
Figure 1
t
PZH
Output Enable Time
V
I = 3.0V
17
33
18
40
18
40
ns
to High Level
V
L = 0V
t
PHZ
Output Disable Time
TE, DC,
R
L = 3kΩ
15
25
22
33
22
33
ns
From High Level
or SC
Terminal C
L = 15 pF
Figure 1
t
PZL
Output Enable Time
(Note 8)
V
I = 0V
25
39
28
52
28
52
ns
to Low Level
(Note 9)
V
L = 5V
t
PLZ
Output Disable Time
R
L = 280Ω
15
27
20
35
20
35
ns
From Low Level
C
L = 15 pF
Figure 1
t
PZH
Output Pull-Up Enable
V
I = 3V
10
17
NA
NA
ns
Time (DS75160A Only)
PE
Bus
V
L = 0V
t
PHZ
Output Pull-Up Disable
(Note 8)
R
L = 480Ω
10
15
NA
NA
ns
Time (DS75160A Only)
C
L = 15 pF
Figure 1
Note 7: Typical values are for VCC = 5.0V and TA = 25˚C and are meant for reference only.
Note 8: Refer to Functional Truth Tables for control input definition.
Note 9: Test configuration should be connected to only one transceiver at a time due to the high current stress caused by the VI voltage source when the output con-
nected to that input becomes active.
www.national.com
3


Similar Part No. - DS75161AWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75161AWM NSC-DS75161AWM Datasheet
185Kb / 10P
   IEEE-488 GPIB Transceivers
More results

Similar Description - DS75161AWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75162A NSC-DS75162A Datasheet
185Kb / 10P
   IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
LPCI-3488A ETC2-LPCI-3488A Datasheet
390Kb / 2P
   High-Performance IEEE-488 GPIB Interface for USB/PCI
1351774 ETC2-1351774 Datasheet
98Kb / 3P
   GPIB unshielded, for use with electronic equipment that is IEEE-488 compatible
AM3448A ETC1-AM3448A Datasheet
295Kb / 5P
   IEEE-488 QUAD BIDIRECTIONAL TRANSCEIVER
DAC488HR ETC-DAC488HR Datasheet
190Kb / 4P
   16-bit D/A Converter with Digital I/O & IEEE 488
logo
National Instruments Co...
GPIB-USB-HS NI-GPIB-USB-HS Datasheet
200Kb / 4P
   Completely IEEE 488.2 compatible/Controls up to 14 GPIB instruments
logo
Contec Co., Ltd
GP-IBF CONTEC-GP-IBF Datasheet
261Kb / 2P
   High-speed IEEE-488.2 GPIB communication board for Low Profile PCI
logo
Texas Instruments
SMJ9914A TI-SMJ9914A Datasheet
766Kb / 18P
[Old version datasheet]   GPIB CONTROLLER
logo
Belden Inc.
9641 BELDEN-9641 Datasheet
151Kb / 2P
   IEEE-488, #26-6pr10c, #24-1c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
logo
Intel Corporation
8291A INTEL-8291A Datasheet
2Mb / 32P
   GPIB TALKER/LISTENER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com