Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS32C6203BGLS173H Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS32C6203BGLS173H
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS32C6203BGLS173H Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS32C6203BGLS173H Datasheet HTML 3Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 4Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 5Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 6Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 7Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 8Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 9Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 10Page - Texas Instruments TMS32C6203BGLS173H Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
TMS320C6203B
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS086N − JANUARY 1999 − REVISED JULY 2006
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics (continued)
Table 1. Characteristics of the Pin-Compatible DSPs
HARDWARE FEATURES
C6203B
C6202
C6202B
C6204
EMIF
Peripherals
DMA
4-Channel With
Throughput
Enhancements
4-Channel
4-Channel With
Throughput
Enhancements
4-Channel With
Throughput
Enhancements
Peripherals
Expansion Bus
McBSPs
3
3
3
2
32-Bit Timers
2
2
2
2
Size (Bytes)
384K
256K
256K
64K
Internal
Program
Memory
Organization
Block 0:
256K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped Program
Block 0:
128K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
Block 0:
128K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
1 Block:
64K-Byte
Cache/Mapped
Program
Size (Bytes)
512K
128K
128K
64K
Internal Data
Memory
Organization
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks per
Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
CPU ID +
CPU Rev ID
Control Status
Register (CSR.[31:16])
0x0003
0x0002
0x0003
0x0003
Frequency
MHz
250, 300
200, 250
250, 300
200
Cycle Time
ns
3.33 ns (6203B-300)
4 ns (6203B-250)
4 ns (03BGNZA-250)
4 ns (6202−250)
5 ns (6202−200)
3.33 ns (6202B-300)
4 ns (6202B-250)
4 ns (02BGNZA-250)
5 ns (6204-200)
Core (V)
1.5
1.8
1.5
1.5
Voltage
Core (V)
1.7
1.8
1.5
1.5
Voltage
I/O (V)
3.3
3.3
3.3
3.3
PLL Options
CLKIN frequency
multiplier [Bypass (x1),
x4, x6, x7, x8, x9, x10,
and x11]
All PLL Options
(GLS/GNY/ZNY Pkgs)
x1, x4, x8, x10
(GNZ Pkg)
x1, x4
(Both Pkgs)
All PLL Options
(GNY/ZNY Pkgs)
x1, x4, x8, x10
(GNZ Pkg)
x1, x4
(Both Pkgs)
27 x 27 mm
352-pin GNZ
352-pin GJL
352-pin GNZ
BGA
18 x 18 mm
384-pin GLS
384-pin GLS
340-pin GLW
BGA
Packages
18 x 18 mm
384-pin GNY and ZNY
(2.x, 3.x only)
384-pin GNY and ZNY
16 x 16 mm
288-pin GHK
Process
Technology
µm
0.15
µm
0.18
µm
0.15
µm
0.15
µm
Product
Status†
Product Preview (PP)
Advance Information
(AI)
Production Data (PD)
PD
PD
PD
PD
† PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include testing of all parameters.


Similar Part No. - TMS32C6203BGLS173H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS32C6203BGLS173H TI-TMS32C6203BGLS173H Datasheet
1Mb / 106P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS32C6203BGLS173H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com