Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S561633F-E Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4S561633F-E
Description  4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S561633F-E Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4S561633F-E Datasheet HTML 4Page - Samsung semiconductor K4S561633F-E Datasheet HTML 5Page - Samsung semiconductor K4S561633F-E Datasheet HTML 6Page - Samsung semiconductor K4S561633F-E Datasheet HTML 7Page - Samsung semiconductor K4S561633F-E Datasheet HTML 8Page - Samsung semiconductor K4S561633F-E Datasheet HTML 9Page - Samsung semiconductor K4S561633F-E Datasheet HTML 10Page - Samsung semiconductor K4S561633F-E Datasheet HTML 11Page - Samsung semiconductor K4S561633F-E Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
K4S561633F - X(Z)E/N/G/C/L/F
February 2004
Mobile-SDRAM
1. In order to save power consumption, Mobile SDRAM has PASR option.
2. Mobile SDRAM supports 3 kinds of PASR in self refresh mode : Full Array, 1/2 of Full Array and 1/4 of Full Array.
BA1=0
Partial Self Refresh Area
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
- Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define DS or PASR operating type of the device after normal MRS.
EMRS cycle is not mandatory and the EMRS command needs to be issued only when DS or PASR is used.
The default state without EMRS command issued is full driver strength and full array refreshed.
The device is now ready for the operation selected by EMRS.
For operating with DS or PASR , set DS or PASR mode in EMRS setting stage.
In order to adjust another mode in the state of DS or PASR mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=1
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Partial Array Self Refresh
B. POWER UP SEQUENCE
Internal Temperature Compensated Self Refresh (TCSR)
1. In order to save power consumption, Mobile-DRAM includes the internal temperature sensor and control units to control the self
refresh cycle automatically according to the two temperature range : Max 40
°C and Max 85 °C(for Extended), Max 70 °C(for
Commercial).
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR ignored.
Temperature Range
Self Refresh Current (Icc6)
Unit
- E/C
- N/L
- G/F
Full Array
1/2 of Full Array
1/4 of Full Array
Max 85/70
°C
1500
800
800
600
470
uA
Max 40
°C
550
450
400
- Full Array
- 1/2 Array
- 1/4 Array


Similar Part No. - K4S561633F-E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561633C-N SAMSUNG-K4S561633C-N Datasheet
59Kb / 8P
   16Mx16 SDRAM 54CSP
K4S561633C-P1H SAMSUNG-K4S561633C-P1H Datasheet
59Kb / 8P
   16Mx16 SDRAM 54CSP
K4S561633C-P1L SAMSUNG-K4S561633C-P1L Datasheet
59Kb / 8P
   16Mx16 SDRAM 54CSP
K4S561633C-P75 SAMSUNG-K4S561633C-P75 Datasheet
59Kb / 8P
   16Mx16 SDRAM 54CSP
K4S561633C-RBL SAMSUNG-K4S561633C-RBL Datasheet
59Kb / 8P
   16Mx16 SDRAM 54CSP
More results

Similar Description - K4S561633F-E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S56163LF SAMSUNG-K4S56163LF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PG SAMSUNG-K4M56163PG Datasheet
115Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S511633F SAMSUNG-K4S511633F Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S51163PF-YF SAMSUNG-K4S51163PF-YF Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile-SDRAM
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com