Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5517AZCHA20 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C5517AZCHA20
Description  TMS320C5517 Fixed-Point Digital Signal Processor
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5517AZCHA20 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C5517AZCHA20 Datasheet HTML 1Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 2Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 3Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 4Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 5Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 6Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 7Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 8Page - Texas Instruments TMS320C5517AZCHA20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 197 page
background image
TMS320C5517
SPRS727C – AUGUST 2012 – REVISED APRIL 2014
www.ti.com
1.2
Applications
Digital Two-Way Radios
Audio Devices (such as Echo-Cancellation
Headphones and Speakerphones or Wireless
Low-Power Analytics Applications (such as
Headsets and Microphones)
Speech Recognition, Vision Sensing, and
Fingerprint Biometrics)
Portable Medical Devices
Voice Applications (such as Voice Recorders,
Hands-Free Kits, and Voice-Enhancement
Subsystems)
1.3
Description
This device is a member of TI's C5000™ fixed-point Digital Signal Processor (DSP) product family and is
designed for low active and standby power consumption.
The device is based on the TMS320C55x DSP generation CPU processor core. The C55x DSP
architecture achieves high performance and low power through increased parallelism and total focus on
power savings. The CPU supports an internal bus structure that is composed of one program bus, one 32-
bit data read bus and two 16-bit data read buses, two 16-bit data write buses, and additional buses
dedicated to peripheral and DMA activity. These buses provide the ability to perform up to four 16-bit data
reads and two 16-bit data writes in a single cycle. The device also includes four DMA controllers, each
with 4 channels, providing data movement for 16 independent channel contexts without CPU intervention.
Each DMA controller can perform one 32-bit data transfer per cycle, in parallel and independent of the
CPU activity.
The C55x CPU provides two multiply-accumulate (MAC) units, each capable of 17-bit x 17-bit
multiplication and a 32-bit add in a single cycle. A central 40-bit arithmetic and logic unit (ALU) is
supported by an additional 16-bit ALU. Use of the ALUs is under instruction set control, providing the
ability to optimize parallel activity and power consumption. These resources are managed in the Address
Unit (AU) and Data Unit (DU) of the C55x CPU.
The C55x CPU supports a variable byte width instruction set for improved code density. The Instruction
Unit (IU) performs 32-bit program fetches from internal or external memory and queues instructions for the
Program Unit (PU). The PU decodes the instructions, directs tasks to the AU and DU resources, and
manages the fully protected pipeline. Predictive branching capability avoids pipeline flushes on execution
of conditional instructions.
The GPIO functions along with the 10-bit SAR ADC to provide sufficient pins for status, interrupts, and bit
I/O for keyboards, and media interfaces.
Serial media is supported through two multimedia card and secure digital (MMC and SD) peripherals,
three Inter-IC Sound (I2S Bus) modules, one serial port interface (SPI) with up to four chip selects, one
master and slave multichannel serial port interface (McSPI) with up to three chip selects, one multichannel
serial port (McBSP), one I2C multimaster and slave interface, and a universal asynchronous
receiver/transmitter (UART) interface
The device peripheral set includes an external memory interface (EMIF) that provides glueless access to
asynchronous memories, such as EPROM, NOR, NAND, and SRAM, as well as to high-speed, high-
density memories such as synchronous DRAM (SDRAM) and mobile SDRAM (mSDRAM).
Additional peripherals include a configurable 16-bit universal host-port interface (UHPI), a high-speed
universal serial bus (USB2.0) device mode only, a real-time clock (RTC), three general-purpose timers
with one configurable as a watchdog timer, and an analog phase-locked loop (APLL) clock generator.
2
Device Overview
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C5517


Similar Part No. - TMS320C5517AZCHA20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5517AZCHA20 TI1-TMS320C5517AZCHA20 Datasheet
1Mb / 197P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5517AZCHA20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5517 TI-TMS320C5517_15 Datasheet
982Kb / 197P
[Old version datasheet]   TMS320C5517 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com