Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28022PTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28022PTT
Description  Piccolo Microcontrollers
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28022PTT Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28022PTT Datasheet HTML 1Page - Texas Instruments TMS320F28022PTT Datasheet HTML 2Page - Texas Instruments TMS320F28022PTT Datasheet HTML 3Page - Texas Instruments TMS320F28022PTT Datasheet HTML 4Page - Texas Instruments TMS320F28022PTT Datasheet HTML 5Page - Texas Instruments TMS320F28022PTT Datasheet HTML 6Page - Texas Instruments TMS320F28022PTT Datasheet HTML 7Page - Texas Instruments TMS320F28022PTT Datasheet HTML 8Page - Texas Instruments TMS320F28022PTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
3 External Interrupts
16-Bit Peripheral Bus
SCI
(4L FIFO)
ePWM
SPI
(4L FIFO)
I2C
(4L FIFO)
HRPWM
eCAP
32-Bit Peripheral Bus
Code
Security
Module
GPIO MUX
C28x
32-Bit CPU
A7:0
B7:0
PIE
CPU Timer 0
CPU Timer 1
CPU Timer 2
TCK
TDI
TMS
TDO
TRST
OSC1,
OSC2,
Ext,
PLL,
LPM,
WD
XCLKIN
X2
XRS
32-Bit Peripheral Bus
COMP1OUT
GPIO
Mux
LPM Wakeup
AIO
MUX
ADC
PSWD
FLASH
8K/16K/32K × 16
Secure
OTP 1K × 16
Secure
OTP/Flash
Wrapper
M0
SARAM 1K × 16
(0-wait)
M1
SARAM 1K × 16
(0-wait)
Boot-ROM
8K × 16
(0-wait)
SARAM
1K/3K/4K × 16
(0-wait)
Secure
COMP
COMP1A
COMP1B
COMP2A
COMP2B
COMP2OUT
X1
GPIO
MUX
VREG
From
COMP1OUT,
COMP2OUT
POR/
BOR
Memory Bus
Memory Bus
Copyright © 2016, Texas Instruments Incorporated
3
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523K – NOVEMBER 2008 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200
Device Overview
Copyright © 2008–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram for the device.
A.
Not all peripheral pins are available at the same time due to multiplexing.
Figure 1-1. Functional Block Diagram


Similar Part No. - TMS320F28022PTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28022PTT TI-TMS320F28022PTT Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022PTT TI1-TMS320F28022PTT Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022PTT TI1-TMS320F28022PTT Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022PTT TI1-TMS320F28022PTT Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022PTT TI-TMS320F28022PTT Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F28022PTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com