Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5517AZCH20 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C5517AZCH20
Description  TMS320C5517 Fixed-Point Digital Signal Processor
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5517AZCH20 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C5517AZCH20 Datasheet HTML 6Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 7Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 8Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 9Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 10Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 11Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 12Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 13Page - Texas Instruments TMS320C5517AZCH20 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 197 page
background image
TMS320C5517
SPRS727C – AUGUST 2012 – REVISED APRIL 2014
www.ti.com
4.2
Signal Descriptions
The signal descriptions tables (Table 4-1 through Table 4-19) identify the external signal names, the
associated pin (ball) numbers along with the mechanical package designator, the pin type, whether the pin
has any internal pullup or pulldown resistors or bus-holders, and a functional pin description. For more
information on pin multiplexing, see Section 4.3, Pin Multiplexing.
For proper device operation, external pullup and pulldown resistors may be required on some pins.
Section 5.7.20.1.1, Pullup and Pulldown Resistors discusses situations where external pullup and
pulldown resistors are required.
10
Terminal Configuration and Functions
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C5517


Similar Part No. - TMS320C5517AZCH20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5517AZCH20 TI1-TMS320C5517AZCH20 Datasheet
1Mb / 197P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5517AZCH20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5517 TI-TMS320C5517_15 Datasheet
982Kb / 197P
[Old version datasheet]   TMS320C5517 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com