Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C242PGS Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C242PGS
Description  High-Performance Static CMOS Technology
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C242PGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C242PGS Datasheet HTML 6Page - Texas Instruments TMS320C242PGS Datasheet HTML 7Page - Texas Instruments TMS320C242PGS Datasheet HTML 8Page - Texas Instruments TMS320C242PGS Datasheet HTML 9Page - Texas Instruments TMS320C242PGS Datasheet HTML 10Page - Texas Instruments TMS320C242PGS Datasheet HTML 11Page - Texas Instruments TMS320C242PGS Datasheet HTML 12Page - Texas Instruments TMS320C242PGS Datasheet HTML 13Page - Texas Instruments TMS320C242PGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
TMS320C242
DSPCONTROLLER
SPRS063D − DECEMBER 1997 − REVISED SEPTEMBER 2000
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions - C242 PG and FN Packages (Continued)
NAME
64-PIN
QFP
68-PIN
PLCC
TYPE†
RESET
STATE‡
DESCRIPTION
NAME
NO.
NO.
TYPE†
STATE‡
DESCRIPTION
SUPPLY SIGNALS
VDD
9
16
Digital logic supply voltage (5 V)
VDD
41
52
Digital logic supply voltage (5 V)
42
VDDO
1
8
Digital logic and buffer supply voltage (5 V)
VDDO
34
45
Digital logic and buffer supply voltage (5 V)
51
62
41
VSS
10
17
Digital logic ground reference
VSS
40
51
Digital logic ground reference
43
Digital logic and buffer ground reference
2
9
VSSO
26
34
Digital logic and buffer ground reference
VSSO
33
44
Digital logic and buffer ground reference
50
61
NO CONNECT
NC
27
No internal connection made to this pin
DNC
25
33
Do not connect. Reserved for test.
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ These pins are internally pulled low. However, these pins are not internally pulled low in F243/F241.
¶ These pins are internally pulled high. However, these pins are not internally pulled high in F243/F241.
# The PMT pin should be connected to GND on F243/F241. On the C242, this pin can be left open or connected to GND.
NOTE: Bold, italicized pin names indicate pin function after reset.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is 150
µA.)


Similar Part No. - TMS320C242PGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C242PG TI-TMS320C242PG Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
More results

Similar Description - TMS320C242PGS

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
8Q1024K8SRAM AEROFLEX-8Q1024K8SRAM Datasheet
238Kb / 15P
   high-performance 1M byte (8Mbit) CMOS static RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
GLT725608 ETC-GLT725608 Datasheet
1Mb / 12P
   Ultra High Performance 32K x 8 Bit CMOS STATIC RAM
logo
Analog Power
AM1541CE ANALOGPOWER-AM1541CE Datasheet
104Kb / 3P
   High performance trench technology
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GLT7256L08 ETC1-GLT7256L08 Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Vishay Telefunken
TOIM3232 TFUNK-TOIM3232 Datasheet
149Kb / 9P
   High-Performance gate array package using dual metal layer CMOS technology
logo
Integrated Device Techn...
IDT74FCT827A IDT-IDT74FCT827A Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com