Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT20 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EPT20
Description  3.3V LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20 Datasheet(HTML) 7 Page - ON Semiconductor

  MC100EPT20 Datasheet HTML 1Page - ON Semiconductor MC100EPT20 Datasheet HTML 2Page - ON Semiconductor MC100EPT20 Datasheet HTML 3Page - ON Semiconductor MC100EPT20 Datasheet HTML 4Page - ON Semiconductor MC100EPT20 Datasheet HTML 5Page - ON Semiconductor MC100EPT20 Datasheet HTML 6Page - ON Semiconductor MC100EPT20 Datasheet HTML 7Page - ON Semiconductor MC100EPT20 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10EPT20, MC100EPT20
http://onsemi.com
7
PACKAGE DIMENSIONS
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
SOIC−8 NB
D SUFFIX
CASE 751−07
ISSUE AC
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - MC100EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EPT20D ONSEMI-MC100EPT20D Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100EPT20D ONSEMI-MC100EPT20D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EPT20DG ONSEMI-MC100EPT20DG Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC100EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com