Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28030PAGS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28030PAGS
Description  Piccolo Microcontrollers
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28030PAGS Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28030PAGS Datasheet HTML 1Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 2Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 3Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 4Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 5Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 6Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 7Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 8Page - Texas Instruments TMS320F28030PAGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
2
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
SPRS584K – APRIL 2009 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034
TMS320F28035
Device Overview
Copyright © 2009–2016, Texas Instruments Incorporated
1.3
Description
The F2803x Piccolo™ family of microcontrollers provides the power of the C28x core and Control Law
Accelerator (CLA) coupled with highly integrated control peripherals in low pin-count devices. This family
is code-compatible with previous C28x-based code, and also provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the
HRPWM to allow for dual-edge control (frequency modulation). Analog comparators with internal 10-bit
references have been added and can be routed directly to control the PWM outputs. The ADC converts
from 0 to 3.3-V fixed full-scale range and supports ratio-metric VREFHI/VREFLO references. The ADC
interface has been optimized for low overhead and latency.
(1)
For more information on these devices, see Section 9, Mechanical Packaging and Orderable
Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28035PN
LQFP (80)
12.0 mm × 12.0 mm
TMS320F28034PN
LQFP (80)
12.0 mm × 12.0 mm
TMS320F28033PN
LQFP (80)
12.0 mm × 12.0 mm
TMS320F28032PN
LQFP (80)
12.0 mm × 12.0 mm
TMS320F28031PN
LQFP (80)
12.0 mm × 12.0 mm
TMS320F28030PN
LQFP (80)
12.0 mm × 12.0 mm
TMS320F28035PAG
TQFP (64)
10.0 mm × 10.0 mm
TMS320F28034PAG
TQFP (64)
10.0 mm × 10.0 mm
TMS320F28033PAG
TQFP (64)
10.0 mm × 10.0 mm
TMS320F28032PAG
TQFP (64)
10.0 mm × 10.0 mm
TMS320F28031PAG
TQFP (64)
10.0 mm × 10.0 mm
TMS320F28030PAG
TQFP (64)
10.0 mm × 10.0 mm
TMS320F28035RSH
VQFN (56)
7.0 mm × 7.0 mm
TMS320F28034RSH
VQFN (56)
7.0 mm × 7.0 mm
TMS320F28033RSH
VQFN (56)
7.0 mm × 7.0 mm
TMS320F28032RSH
VQFN (56)
7.0 mm × 7.0 mm
TMS320F28031RSH
VQFN (56)
7.0 mm × 7.0 mm
TMS320F28030RSH
VQFN (56)
7.0 mm × 7.0 mm


Similar Part No. - TMS320F28030PAGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030PAGS TI-TMS320F28030PAGS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
1Mb / 161P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PAGS TI1-TMS320F28030PAGS Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
More results

Similar Description - TMS320F28030PAGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com