Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28050PNQ Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320F28050PNQ
Description  Piccolo Microcontrollers
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28050PNQ Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28050PNQ Datasheet HTML 1Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 2Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 3Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 4Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 5Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 6Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 7Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 8Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 150 page
background image
M0
SARAM 1Kx16
(0-wait)
16-bit Peripheral Bus
M1
SARAM 1Kx16
(0-wait)
SCI-A,
B
C
(4L FIFO)
SCI- , SCI-
ePWM1–ePWM7
SPI-A
(4L FIFO)
I2C-A
(4L FIFO)
32-Bit
Peripheral Bus
GPIO MUX
C28x CPU
(60 MHz)
PIE
(up to 96 interrupts)
CPU Timer 0
CPU Timer 1
CPU Timer 2
TRST
TCK
TDI
TMS
TDO
OSC1,
OSC2,
Ext,
PLL,
LPM,
WD
X2
32-bit Peripheral Bus
(CLA-accessible)
GPIO
Mux
LPM Wakeup
CLA +
Message RAMs
ADC
0-wait
Result
Regs
Boot ROM
12Kx16
(0-wait)
Non-Secure
L0 SARAM (2Kx16)
(0-wait, Secure)
CLA Data RAM2
COMP
+
Digital
Filter
COMPAn
COMPBn
eCAN-A
(32-mbox)
eCAP
eQEP
X1
GPIO
MUX
Program-
mable
Gain
Amps
VREG
POR/
BOR
Memory Bus
Secure ROM
(A)
2Kx16
(0-wait)
Secure
L1 DPSARAM (1Kx16)
(0-wait, Secure)
CLA Data RAM0
L2 DPSARAM (1Kx16)
(0-wait, Secure)
CLA Data RAM1
L3 DPSARAM (4Kx16)
(0-wait, Secure)
CLA Program RAM
CLA Data ROM
(4Kx16)
CTRIPnOUT
ADC
3.75
MSPS
32-bit Peripheral Bus
(CLA-accessible)
XRS
GPIO
Mux
XCLKIN
3 External Interrupts
Memory Bus
PSWD
Dual-
Zone
Security
Module
+
ECSL
OTP/Flash Wrapper
Z1/Z2 User OTP
Secure
PUMP
FLASH
28055, 28054: 64K x 16, 10 Sectors
28053, 28052, 28051: 32K x 16, 5 Sectors
28050: 16K x 16, 3 Sectors
Secure
TMS320F28055, TMS320F28054, TMS320F28053
TMS320F28052, TMS320F28051, TMS320F28050
www.ti.com
SPRS797B – NOVEMBER 2012 – REVISED JULY 2014
1.4
Functional Block Diagram
Figure 1-1 shows a functional block diagram of the device.
A.
Stores Secure Copy Code Functions on all devices.
B.
Not all peripheral pins are available at the same time due to multiplexing.
Figure 1-1. Functional Block Diagram
Copyright © 2012–2014, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TMS320F28055 TMS320F28054 TMS320F28053 TMS320F28052 TMS320F28051
TMS320F28050


Similar Part No. - TMS320F28050PNQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28050PNQ TI-TMS320F28050PNQ Datasheet
1Mb / 143P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28050PNQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com