Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6472ECTZ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
Download  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 6Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 7Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 8Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 9Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 10Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 11Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 12Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 13Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 269 page
background image
src2
src2
.D1
.M1
.S1
.L1
longsrc
odddst
src2
src1
src1
src1
src1
evendst
evendst
odddst
dst1
dst
src2
src2
src2
longsrc
DA1
ST1b
LD1b
LD1a
ST1a
Data path A
Odd
register
file A
(A1, A3,
A5...A31)
Odd
register
fileB
(B1,B3,
B5...B31)
.D2
src1
dst
src2
DA2
LD2a
LD2b
src2
.M2
src1
dst1
.S2
src1
evendst
longsrc
odddst
ST2a
ST2b
longsrc
.L2
evendst
odddst
src1
Data pathB
Control Register
32MSB
32LSB
dst2
(A)
32MSB
32LSB
2x
1x
32LSB
32MSB
32LSB
32MSB
dst2
(B)
(B)
(A)
8
8
8
8
32
32
32
32
(C)
(C)
Even
register
file A
(A0, A2,
A4...A30)
Even
register
fileB
(B0,B2,
B4...B30)
(D)
(D)
(D)
(D)
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
A.
On .M unit, dst2 is 32 MSB.
B.
On .M unit, dst1 is 32 LSB.
C.
On C64x CPU .M unit, src2 is 32 bits; on C64x+ CPU .M unit, src2 is 64 bits.
D.
On .L and .S units, odd dst connects to odd register files and even dst connects to even register files.
Figure 2-1. TMS320C64x+
™ CPU (DSP Core) Data Paths
10
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472


Similar Part No. - TMS320C6472ECTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6472ECTZ6 TI1-TMS320C6472ECTZ6 Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6472ECTZ7 TI1-TMS320C6472ECTZ7 Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6472ECTZA TI1-TMS320C6472ECTZA Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6472ECTZA6 TI1-TMS320C6472ECTZA6 Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6472ECTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6472EZTZ7 TI1-TMS320C6472EZTZ7 Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com