Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS230F241 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS230F241
Description  DSP CONTROLLERS
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS230F241 Datasheet(HTML) 1 Page - Texas Instruments

  TMS230F241 Datasheet HTML 1Page - Texas Instruments TMS230F241 Datasheet HTML 2Page - Texas Instruments TMS230F241 Datasheet HTML 3Page - Texas Instruments TMS230F241 Datasheet HTML 4Page - Texas Instruments TMS230F241 Datasheet HTML 5Page - Texas Instruments TMS230F241 Datasheet HTML 6Page - Texas Instruments TMS230F241 Datasheet HTML 7Page - Texas Instruments TMS230F241 Datasheet HTML 8Page - Texas Instruments TMS230F241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064D − DECEMBER 1997 − REVISED FEBRUARY 2006
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D High-Performance Static CMOS Technology
D Includes the TMS320C2xx Core CPU
− Object-Compatible With the TMS320C2xx
− Source-Code-Compatible With
TMS320C25
− Upwardly Compatible With TMS320C5x
t
− 50-ns Instruction Cycle Time
D Commercial and Industrial Temperature
Available
D Memory
− 544 Words x 16 Bits of On-Chip
Data/Program Dual-Access RAM
(DARAM)
− 8K Words x 16 Bits of Flash EEPROM
− 224K Words x 16 Bits of Total Memory
Address Reach (F243 only)
D External Memory Interface (F243 only)
D Event-Manager Module
− Eight Compare/ Pulse-Width Modulation
(PWM) Channels
− Two 16-Bit General-Purpose Timers With
Four Modes, Including Continuous
Up and Up / Down Counting
− Three 16-Bit Full Compare Units With
Deadband
− Three Capture Units (Two With
Quadrature Encoder-Pulse Interface
Capability)
D Single 10-Bit Analog-to-Digital Converter
(ADC) Module With 8 Multiplexed Input
Channels
D Controller Area Network (CAN) Module
D 26 Individually Programmable, Multiplexed
General-Purpose I / O (GPIO) Pins
D Six Dedicated GPIO Pins (F243 only)
D Phase-Locked-Loop (PLL)-Based Clock
Module
D Watchdog (WD) Timer Module
D Serial Communications Interface (SCI)
Module
D 16-Bit Serial Peripheral Interface (SPI)
Module
D Five External Interrupts (Power Drive
Protection, Reset, NMI, and Two Maskable
Interrupts)
D Three Power-Down Modes for Low-Power
Operation
D Scan-Based Emulation
D Development Tools Available:
− Texas Instruments (TI) ANSI C Compiler,
Assembler/ Linker, and C-Source
Debugger
− Full Range of Emulation Products
− Self-Emulation (XDS510
)
− Third-Party Digital Motor Control and
Fuzzy-Logic Development Support
D 144-Pin LQFP PGE Package (F243)
D 68-Pin PLCC FN Package (F241)
D 64-Pin QFP PG Package (F241)
description
The TMS320F243 and TMS320F241 devices are members of the 24x generation of digital signal processor
(DSP) controllers based on the TMS320C2000
t platform of 16-bit fixed-point DSPs. The F243 is a superset
of the F241. These two devices share similar core and peripherals with some exceptions. For example, the F241
does not have an external memory interface. This new family is optimized for digital motor / motion control
applications. The DSP controllers combine the enhanced TMS320
t DSP family architectural design of the
C2xx core CPU for low-cost, high-performance processing capabilities and several advanced peripherals
optimized for motor / motion control applications. These peripherals include the event manager module, which
provides general-purpose timers and PWM registers to generate PWM outputs, and a single,10-bit
analog-to-digital converter (ADC), which can perform conversion within 1
µs.
Copyright
 2006, Texas Instruments Incorporated
TMS320C5x, XDS510, TMS320C2000, and TMS320 are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS230F241

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
TMS200 TELTRON-TMS200 Datasheet
850Kb / 2P
   microwave motion sensor
logo
Texas Instruments
TMS20F2810PBKAEP TI-TMS20F2810PBKAEP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
logo
Telecommunication Elec...
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
   microwave motion sensor
logo
Texas Instruments
TMS2516 TI-TMS2516 Datasheet
669Kb / 8P
[Old version datasheet]   16,384-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS2516-25 TI-TMS2516-25 Datasheet
669Kb / 8P
[Old version datasheet]   16,384-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS230F241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com