Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETV2685ZUT11 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETV2685ZUT11
Description  Digital Media Processor
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685ZUT11 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETV2685ZUT11 Datasheet HTML 2Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 3Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 4Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 5Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 6Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 7Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 8Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 9Page - Texas Instruments TNETV2685ZUT11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS372G device-specific
data manual to make it an SPRS372H revision. Applicable updates to the TMS320DM64x Digital Media
Processors device family , specifically relating to the TMS320DM647, TMS320DM648 devices which are
now in the production data (PD) stage of development, have been incorporated.
DM647/DM648 Revision History
SEE
ADDITIONS, DELETIONS, MODIFICATIONS
External Memory Interfaces (EMIFs):
Section 1
Deleted the footnote reference (1) from "512M-Byte Address Space (1.8-V I/O)" subbullet
Deleted associated footnote [devices are PD; SR1.0 was TMX]
Section 1.1
Added separate Applications section (new format structure)
Terminal Functions, Power Pins:
Table 2-4
Added "or left unconnected" to the VCCMON (L19) pin DESCRIPTION column [For the Advisory, see the
Device-Specific Silicon Errata.]
Figure 6-5
Corrected CLKDIR to VLYNQ to show 0 is VLYNQ, external
PLL1 Controller Device-Specific Information
Added "[When SYSCLK4 is used as the EMIF input clock source, the actual clock goes through a
Section 6.4.1
divider and the frequency would be SYSCLK4 divide-by-2 (see Figure 6-5, PLL Input Clock).]" to the
SYSCLK4 is used as the EMIFA AECLKOUT bullet [Cleared Doc Feedback]
Timing Requirements for Asynchronous Memory Cycles for EMIFA Module:
Table 6-44
Changed 3ns to 0ns for th(AOEH-EDV)
Figure 6-21
Updated to show times 3 and 4 are referred to rising edge AAOE/ASOE.
Table 6-49
Changed 5.4ns to 4.2ns for tw(VKIH) and tw(VKIL).
Section 7.2
Deleted duplicated Orderable Addendum table
6
Contents
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648


Similar Part No. - TNETV2685ZUT11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETV2685ZUT11 TI1-TNETV2685ZUT11 Datasheet
1Mb / 191P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TNETV2685ZUT11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com