Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM6441 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6441 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 4Page - Texas Instruments TMS320DM6441 Datasheet HTML 5Page - Texas Instruments TMS320DM6441 Datasheet HTML 6Page - Texas Instruments TMS320DM6441 Datasheet HTML 7Page - Texas Instruments TMS320DM6441 Datasheet HTML 8Page - Texas Instruments TMS320DM6441 Datasheet HTML 9Page - Texas Instruments TMS320DM6441 Datasheet HTML 10Page - Texas Instruments TMS320DM6441 Datasheet HTML 11Page - Texas Instruments TMS320DM6441 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
TMS320DM6441 Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 3.5.1
Table 3-12, DM6441 Default Bus Master Priorities:
Switched Central
Added, for clarity, ", DMA_PRI bit fields" to the VPSSP Default Priority Level description [Cleared
Resource (SCR) Bus
Documentation Feedback Issue]
Priorities
Added "[For more detailed information ..." statement to the VPSSP, EDMATC0P, EDMATC1P, and
C64X+_DMAP rows
Added "(MSTPRI1 Register)" to the HPIP row
Removed VICPP row with Default Priority Level of 4
Figure 3-6, MSTPRI1 Register:
Updated/changed the bit field of bits 22:20 from "RESERVED" to "HPIP"
Updated/changed the default value of bits 22:20 from "R-100" to "R/W-100"
Section 3.5.4
"The PINMUX0 pin multiplexing register controls which peripheral is given ownership ..." paragraph:
PINMUX0 Register
Updated/changed "... ownership over shared pins among EMAC, CCD, LCD, RGB888, RGB666,
Description
ATA, VLYNQ, EMIFA, and GPIO peripherals" to "... ownership over shared pins among EMAC,
CCD, LCD, RGB888, RGB666, ATA, VLYNQ, EMIFA, HPI, and GPIO peripherals"
Figure 3-7, PINMUX0 Register:
Bits 4–0: Updated/changed "R/W-LLLL" to "R/W-LLLLL"
Updated/changed footnote from "For proper DM6441 device operation, always write a value of '0' to
RSV bits 30 and 29" to "For proper DM6441 device operation, always write a value of '0' to
RSV bit 30"
Table 3-14, PINMUX0 Register Field Descriptions:
Updated/changed the description of Bit 29 (HPIEN) [Cleared Documentation Feedback Issue]
Section 3.5.5
Figure 3-8, PINMUX1 Register:
PINMUX1 Register
Removed "For proper DM6441 device operation, always write a value of '0' to RSV bit 9" footnote
Description
Section 3.6
Figure 3-9, Emulation Suspend Source Register (SUSPSRC):
Emulation Control
Bits 15–13: Updated/changed "R-0000 00" to "R-000"
Section 5.3
"Measured under the following conditions:" footnote:
Electrical
Added "For more details on core and I/O activity, as well as information relevant to board power
Characteristics Over
supply design, see the TMS320DM6441 Power Consumption Summary application report
Recommended
(literature number SPRAAU3)."
Ranges of Supply
Voltage and Operating
Case Temperature
Section 6.3.1.3
Figure 6-6, PLL1 and PLL2 Clock Domain Block Diagram:
DM6441 Power and
PLL Controller 2: Updated/changed "PLLDIV1 (/1)" to "PLLDIV1 (/10)"
Clock Domains
Updated/changed "EDMA" to "EDMA3"
Section 6.3.1.4
Table 6-6, PSC Register Memory Map [Cleared Documentation Feedback Issue]:
Power and Sleep
Updated/changed address range "0x01C4 1004 through 0x01C4 1014 to "Reserved"
Controller (PSC)
Updated/changed address range "0x01C4 1100 through 0x01C4 111F to "Reserved"
Module
Updated/changed address range "0x01C4 1308 through 0x01C4 17FF to "Reserved"
Section 6.4.1
Figure 6-9, Reset Timing:
Reset Electrical
Updated/changed the pins specified in the Z Group [Cleared Documentation Feedback Issue]
Data/Timing
Section 6.6.3
Table 6-19, Switching Characteristics Over Recommended Operating Conditions for CLK_OUT1:
Clock PLL Electrical
Parameter 1 (tC): Added "ns" in UNIT column
Data/Timing (Input and
Output Clocks)
Section 6.10.1.2
Table 6-35, Switching Characteristics Over Recommended Operating Conditions for Asynchronous
EMIFA Electrical
Memory Cycles for EMIFA Module:
Data/Timing
Parameter 24 [tw(EMWEL)]: Added "ns" in UNIT column
8
Contents
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441


Similar Part No. - TMS320DM6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI-TMS320DM6441 Datasheet
1Mb / 229P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441 TI-TMS320DM6441 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441 TI-TMS320DM6441 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441 TI-TMS320DM6441 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com