Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM647CUT9 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 4Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 5Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 6Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 7Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 8Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 9Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 10Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 11Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 2-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM647
DM648
x1 (Bypass),
x1 (Bypass),
PLL Options
CLKIN1 frequency multiplier
PLLM = 15, 16, …, 31
PLLM = 15, 16, …, 31
(x16, x17, …, x32)(1)
(x16, x17, …, x32)(1)
BGA Package
529-Pin Flip Chip Plastic BGA (ZUT)
529-Pin Flip Chip Plastic BGA (ZUT)
Process
0.09-
μm/6-Level Cu Metal
0.09
μm
0.09
μm
Technology
Process (CMOS)
Product Status(2)
Production Data (PD)
PD
PD
(1)
The maximum CPU frequency must not be violated.
(2)
See Section 2.7 for a description of each stage of development.
2.2
CPU (DSP Core) Description
The C64x+ central processing unit (CPU) consists of eight functional units, two register files, and two data
paths as shown in Figure 2-1. The two general-purpose register files (A and B) each contain 32 32-bit
registers for a total of 64 registers. The general-purpose registers can be used for data or can be data
address pointers. The data types supported include packed 8-bit data, packed 16-bit data, 32-bit data, 40-
bit data, and 64-bit data. Values larger than 32 bits, such as 40-bit-long or 64-bit-long values are stored in
register pairs, with the 32 LSBs of data placed in an even register and the remaining 8 or 32 MSBs in the
next upper register (which is always an odd-numbered register).
The eight functional units (.M1, .L1, .D1, .S1, .M2, .L2, .D2, and .S2) are each capable of executing one
instruction every clock cycle. The .M functional units perform all multiply operations. The .S and .L units
perform a general set of arithmetic, logical, and branch functions. The .D units primarily load data from
memory to the register file and store results from the register file into memory.
The C64x+ CPU extends the performance of the C64x core through enhancements and new features.
Each C64x+ .M unit can perform one of the following each clock cycle: one 32 x 32 bit multiply, one 16 x
32 bit multiply, two 16 x 16 bit multiplies, two 16 x 32 bit multiplies, two 16 x 16 bit multiplies with
add/subtract capabilities, four 8 x 8 bit multiplies, four 8 x 8 bit multiplies with add operations, and four
16 x 16 multiplies with add/subtract capabilities (including a complex multiply). There is also support for
Galois field multiplication for 8-bit and 32-bit data. Many communications algorithms such as FFTs and
modems require complex multiplication. The complex multiply (CMPY) instruction takes for 16-bit inputs
and produces a 32-bit real and a 32-bit imaginary output. There are also complex multiplies with rounding
capability that produces one 32-bit packed output that contain 16-bit real and 16-bit imaginary values. The
32 x 32 bit multiply instructions provide the extended precision necessary for audio and other high-
precision algorithms on a variety of signed and unsigned 32-bit data types.
The .L or (Arithmetic Logic Unit) now incorporates the ability to do parallel add/subtract operations on a
pair of common inputs. Versions of this instruction exist to work on 32-bit data or on pairs of 16-bit data
performing dual 16-bit add and subtracts in parallel. There are also saturated forms of these instructions.
The C64x+ core enhances the .S unit in several ways. In the C64x core, dual 16-bit MIN2 and MAX2
comparisons were available only on the .L units. On the C64x+ core they are also available on the .S unit,
which increases the performance of algorithms that do searching and sorting. Finally, to increase data
packing and unpacking throughput, the .S unit allows sustained high performance for the quad 8-bit/16-bit
and dual 16-bit instructions. Unpack instructions prepare 8-bit data for parallel 16-bit operations. Pack
instructions return parallel results to output precision including saturation support.
Other new features include:
SPLOOP - A small instruction buffer in the CPU that aids in creation of software pipelining loops where
multiple iterations of a loop are executed in parallel. The SPLOOP buffer reduces the code size
associated with software pipelining. Furthermore, loops in the SPLOOP buffer are fully interruptible.
8
Device Overview
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648


Similar Part No. - TMS320DM647CUT9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM647CUT9 TI1-TMS320DM647CUT9 Datasheet
1Mb / 191P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM647CUT9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com