Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM335ZCEA216 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320DM335ZCEA216
Description  Digital Media System-on-Chip (DMSoC)
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM335ZCEA216 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM335ZCEA216 Datasheet HTML 5Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 6Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 7Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 8Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 9Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 10Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 11Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 12Page - Texas Instruments TMS320DM335ZCEA216 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 160 page
background image
TMS320DM335
www.ti.com
SPRS528C – JULY 2008 – REVISED JUNE 2010
Table 2-3. DM335 ARM Configuration Bus Access to Peripherals (continued)
Address
Accessibility
UART1
0x01C2 0400
0x01C2 07FF
1K
Timer4/5
0x01C2 0800
0x01C2 0BFF
1K
Real-time out
0x01C2 0C00
0x01C2 0FFF
1K
I2C
0x01C2 1000
0x01C2 13FF
1K
Timer0/1
0x01C2 1400
0x01C2 17FF
1K
Timer2/3
0x01C2 1800
0x01C2 1BFF
1K
WatchDog Timer
0x01C2 1C00
0x01C2 1FFF
1K
PWM0
0x01C2 2000
0x01C2 23FF
1K
PWM1
0x01C2 2400
0x01C2 27FF
1K
PWM2
0x01C2 2800
0x01C2 2BFF
1K
PWM3
0x01C2 2C00
0x01C2 2FFF
1K
System Module
0x01C4 0000
0x01C4 07FF
2K
PLL Controller 0
0x01C4 0800
0x01C4 0BFF
1K
PLL Controller 1
0x01C4 0C00
0x01C4 0FFF
1K
Power/Sleep Controller
0x01C4 1000
0x01C4 1FFF
4K
Reserved
0x01C4 2000
0x01C4 7FFF
24K
ARM Interrupt Controller
0x01C4 8000
0x01C4 83FF
1K
Reserved
0x01C4 8400
0x01C6 3FFF
111K
USB OTG 2.0 Regs / RAM
0x01C6 4000
0x01C6 5FFF
8K
SPI0
0x01C6 6000
0x01C6 67FF
2K
SPI1
0x01C6 6800
0x01C6 6FFF
2K
GPIO
0x01C6 7000
0x01C6 77FF
2K
SPI2
0x01C6 7800
0x01C6 FFFF
2K
VPSS Subsystem
0x01C7 0000
0x01C7 FFFF
64K
VPSS Clock Control
0x01C7 0000
0x01C7 007F
128
Hardware 3A
0x01C7 0080
0x01C7 00FF
128
Image Pipe (IPIPE) Interface
0x01C7 0100
0x01C7 01FF
256
On Screen Display
0x01C7 0200
0x01C7 02FF
256
Reserved
0x01C7 0300
0x01C7 03FF
256
Video Encoder
0x01C7 0400
0x01C7 05FF
512
CCD Controller
0x01C7 0600
0x01C7 07FF
256
VPSS Buffer Logic
0x01C7 0800
0x01C7 08FF
256
Reserved
0x01C7 0900
0x01C7 09FF
256
Image Pipe (IPIPE)
0x01C7 1000
0x01C7 3FFF
12K
Reserved
0x01C7 4000
0x01CD FFFF
432K
Multimedia / SD 1
0x01E0 0000
0x01E0 1FFF
8K
ASP0
0x01E0 2000
0x01E0 3FFF
8K
ASP1
0x01E0 4000
0x01E0 5FFF
8K
UART2
0x01E0 6000
0x01E0 63FF
1K
Reserved
0x01E0 6400
0x01E0 FFFF
39K
ASYNC EMIF Control
0x01E1 0000
0x01E1 0FFF
4K
Multimedia / SD 0
0x01E1 1000
0x01E1 FFFF
60K
Reserved
0x01E2 0000
0x01FF FFFF
1792K
ASYNC EMIF Data (CE0)
0x0200 0000
0x03FF FFFF
32M
ASYNC EMIF Data (CE1)
0x0400 0000
0x05FF FFFF
32M
Reserved
0x0600 0000
0x09FF FFFF
64M
Reserved
0x0A00 0000
0x0BFF FFFF
32M
Copyright © 2008–2010, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM335


Similar Part No. - TMS320DM335ZCEA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM335ZCEA216 TI-TMS320DM335ZCEA216 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM335ZCEA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com