Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C28344 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C28344
Description  Delfino Microcontrollers
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28344 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C28344 Datasheet HTML 6Page - Texas Instruments TMS320C28344 Datasheet HTML 7Page - Texas Instruments TMS320C28344 Datasheet HTML 8Page - Texas Instruments TMS320C28344 Datasheet HTML 9Page - Texas Instruments TMS320C28344 Datasheet HTML 10Page - Texas Instruments TMS320C28344 Datasheet HTML 11Page - Texas Instruments TMS320C28344 Datasheet HTML 12Page - Texas Instruments TMS320C28344 Datasheet HTML 13Page - Texas Instruments TMS320C28344 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
www.ti.com
Delfino Microcontrollers
Check for Samples: TMS320C28346, TMS320C28345, TMS320C28344, TMS320C28343, TMS320C28342, TMS320C28341
1
TMS320C2834x ( Delfino™) MCUs
1.1
Overview
The TMS320C2834x (C2834x) Delfino™ microcontroller (MCU) devices build on TI's existing F2833x
high-performance floating-point microcontrollers. The C2834x delivers up to 300 MHz of floating-point
performance, and has up to 516KB of on-chip RAM. Designed for real-time control applications, the
C2834x is based on the C28x™ core, making it code-compatible with all C28x microcontrollers. The on-
chip peripherals and low-latency core make the C2834x an excellent solution for performance-hungry real-
time control applications.
1.2
Features
1234
Single-Edge, Dual-Edge Symmetric, or
• High-Performance Static CMOS Technology
Dual-Edge Asymmetric Outputs
– Up to 300 MHz (3.33-ns Cycle Time)
Dead-Band Generation
– 1.1-V/1.2-V Core, 3.3-V I/O, 1.8-V
PWM Chopping by High-Frequency
PLL/Oscillator Design
Carrier
• High-Performance 32-Bit CPU (TMS320C28x)
Trip Zone Input
– IEEE-754 Single-Precision Floating-Point
Up to 9 HRPWM Outputs With 55-ps MEP
Unit (FPU)
Resolution at VDD = 1.1 V (65 ps at 1.2 V)
– 16 x 16 and 32 x 32 MAC Operations
– Six 32-Bit Enhanced Capture (eCAP)
– 16 x 16 Dual MAC
Modules
– Harvard Bus Architecture
Configurable as 3 Capture Inputs or
– Fast Interrupt Response and Processing
3 Auxiliary Pulse Width Modulator
– Code-Efficient (in C/C++ and Assembly)
Outputs
• Six-Channel DMA Controller (for McBSP,
Single-Shot Capture of up to Four Event
XINTF, and SARAM)
Time-Stamps
• 16-Bit or 32-Bit External Interface (XINTF)
– Three 32-Bit Quadrature Encoder Pulse
– Over 2M x 16 Address Reach
(QEP) Modules
• On-Chip Memory
– Six 32-Bit Timers and Nine 16-Bit Timers
– Up to 258K x 16 SARAM
• Three 32-Bit CPU Timers
– 8K x 16 Boot ROM
• Serial Port Peripherals
• Clock and System Control
– Up to 2 CAN Modules
– Dynamic PLL Ratio Changes Supported
– Up to 3 SCI (UART) Modules
– On-Chip Oscillator
– Up to 2 McBSP Modules (Configurable as
– Watchdog Timer Module
SPI)
• Peripheral Interrupt Expansion (PIE) Block That
– Up to 2 SPI Modules
Supports All 64 Peripheral Interrupts
– One Inter-Integrated-Circuit (I2C) Bus
• Endianness: Little Endian
• External ADC Interface
• Enhanced Control Peripherals
• Up to 88 Individually Programmable,
– Eighteen Enhanced Pulse Width Modulator
Multiplexed GPIO Pins With Input Filtering
(ePWM) Outputs
Dedicated 16-Bit Time-Based Counter
With Period and Frequency Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Delfino, MicroStar BGA, C28x, TMS320C54x, TMS320C55x, Code Composer Studio, TMS320C28x are trademarks of Texas
Instruments.
3
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2009–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320C28344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28344 TI-TMS320C28344 Datasheet
1Mb / 153P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28344 TI-TMS320C28344 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28344 TI1-TMS320C28344 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28344 TI-TMS320C28344 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320C28344 TI-TMS320C28344 Datasheet
4Mb / 170P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
More results

Similar Description - TMS320C28344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V01 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_17 Datasheet
2Mb / 213P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_18 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V02 Datasheet
4Mb / 170P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com