Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV23 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAV23
Description  Surface mount switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV23 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAV23 Datasheet HTML 1Page - Diode Semiconductor Korea BAV23 Datasheet HTML 2Page - Diode Semiconductor Korea BAV23 Datasheet HTML 3Page - Diode Semiconductor Korea BAV23 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface mount switching diode
BAV23
FEATURES
Continuous reverse voltage:max.75V
Switching speed:50ns.
Repetitive peak reverse voltage:max.250V
Repetitive peak forward current:max.625mA
APPLICATIONS
General application.
SOT-143
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV23
L30
SOT-143
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Repetitive Peak Reverse Voltage
VRRM
250
V
Continuous Reverse Voltage
VR
200
V
Continuous forward current
single diodes
double diodes
IF
225
125
mA
Repetitive peak forward current
IFRM
625
mA
Surge current
t=1μs
t=1ms
t=1s
IFSM
9
3
1.7
A
Power Dissipation
Pd
250
mW
Operating Junction Temperature Range
Tj
150
Storage Temperature Range
TSTG
-65 to +150
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAV23

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
   General purpose double diode
1996 Sep 17
logo
Dongguan Pingjingsemi T...
BAV23 PJSEMI-BAV23 Datasheet
433Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
   General Purpose Double Diode
logo
Nexperia B.V. All right...
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23 Datasheet
393Kb / 2P
   Plastic Encapsulated Schottky Diode
More results

Similar Description - BAV23

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com