Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143EE Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # DTA143EE
Description  The PNP style digital transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

DTA143EE Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  DTA143EE Datasheet HTML 1Page - Bruckewell Technology LTD DTA143EE Datasheet HTML 2Page - Bruckewell Technology LTD DTA143EE Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Transistor
DTA(R1=R2 SERIES)E
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Input Voltage
VI(off)
VCC=-5V,IO=-100μA
-0.5
-1.1
-
Input Voltage
DTA114EE
DTA124EE
DTA143EE
DTA144EE
VI(on)
VO=-0.3V,IO=-10mA
VO=-0.2V,IO=-5mA
VO=-0.3V,IO=-20mA
VO=-0.3V,IO=-2mA
-
-1.9
-3
V
Output Voltage
DTA114EE
DTA124EE
DTA143EE
DTA144EE
VO(on)
Io/II=-10mA/-0.5mA,
-
-0.1
-0.3
V
Input Current
DTA114EE
DTA124EE
DTA143EE
DTA144EE
II
VI=-5V
-
-
-0.88
-0.36
-1.8
-0.18
mA
Output Current
IO(off)
VCC=-50V,VI=0V
-
-
-0.5
μA
DC Current Gain
DTA114ECA
DTA124ECA
DTA143ECA
DTA144ECA
GI
VO=-5V,IO=-5mA
VO=-5V,IO=-5mA
VO=-5V,IO=-10mA
VO=-5V,IO=-5mA
30
56
20
68
-
-
Input Resistor
DTA114ECA
DTA124ECA
DTA143ECA
DTA144ECA
R1(R2)
7
15.4
3.29
32.9
10
22
4.7
47
13
28.6
6.11
61.1
kΩ
Resistance Ratio
R2/R1
-
0.8
1
1.2
Gain-Bandwidth Product
fT
VCE=-10V,IE=5mA,
f=100MHz
-
250
-
MHz
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - DTA143EE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
Rohm
DTA143EE ROHM-DTA143EE Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EE ROHM-DTA143EE Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA143EE TSC-DTA143EE Datasheet
213Kb / 3P
   PNP Small Signal Transistor
logo
ON Semiconductor
DTA143EE ONSEMI-DTA143EE Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
More results

Similar Description - DTA143EE

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
   Digital Transistor(PNP)
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
   PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
   PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
   PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
   PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
   PNP Digital Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com