Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT720 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAT720
Description  Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT720 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAT720 Datasheet HTML 1Page - Diode Semiconductor Korea BAT720 Datasheet HTML 2Page - Diode Semiconductor Korea BAT720 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky barrier diode
BAT720
FEATURES
Ultra high switching speed.
Low forward voltage.
Guard ring protected.
Small plastic SMD package.
APPLICATIONS
Ultra high-speed switching.
SOT-23
Voltage clamping.
Protection circuits.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAT720
L61
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
DC Reverse Voltage
VR
40
V
Forward Continuous Current
IF
500
mA
Non-repetitive forward Surge
@tp<10ms
IFSM
2
A
Power Dissipation
Pd
350
mW
Operating Junction Temperature Range
Tj
125
Storage Temperature Range
TSTG
-65 to +125
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
MAX
UNIT
Test Condition
Forward Voltage
VF
-
550
mV
IF=500mA
Reverse Leakage Current
IR
-
100
10
μA
mA
VR=35V
VR=35V Tj=100℃
Diode Capacitance
CD
60
90
pF
VR=0V,f=1.0MHz
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAT720

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT720 PHILIPS-BAT720 Datasheet
47Kb / 8P
   Schottky barrier diode
1999 May 26
logo
Galaxy Semi-Conductor H...
BAT720 BILIN-BAT720 Datasheet
151Kb / 3P
   Schottky barrier diode
logo
Guangdong Kexin Industr...
BAT720 KEXIN-BAT720 Datasheet
36Kb / 1P
   Schottky barrier diode
logo
Micro Commercial Compon...
BAT720 MCC-BAT720 Datasheet
201Kb / 2P
   350mW Schottky Diodes 40 Volts
logo
Shenzhen Jin Yu Semicon...
BAT720 HTSEMI-BAT720 Datasheet
259Kb / 1P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT720

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com