Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5Z12V Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ESD5Z12V
Description  Transient Voltage Suppressors for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESD5Z12V Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ESD5Z12V Datasheet HTML 1Page - Bruckewell Technology LTD ESD5Z12V Datasheet HTML 2Page - Bruckewell Technology LTD ESD5Z12V Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD5Z-Series-ESD5Z12V
Transient Voltage Suppressors for ESD Protection
Publication Order Number: [ESD5Z-Series-ESD5Z12V]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute ratings (limiting value)
Symbol
Parameter
Value
Unit
Ppk
Peak Pulse Power (tp = 8/20μs)
200
W
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
TJ
Maximum junction temperature
-55 to +125
°C
Electrical Characteristics
Part Numbers
VBR
IT
VRWM
VF max
IF
IR
Cj
Min.
Typ.
Max.
TYP
V
V
V
mA
V
V
mA
uA
PF
ESD5Z12V
13.5
14.2
15
1
12
1.25
200
1
25
Typical Characteristics
FIG.1-NON-REPETITIVE PEAK PULSE
POWER VS. TIME
FIG.2-POWER DERATING CURVE


Similar Part No. - ESD5Z12V

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
ESD5Z12V CHENDA-ESD5Z12V Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate ESD Protection Diodes
logo
Shanghai Shunye Electro...
ESD5Z12V SY-ESD5Z12V Datasheet
358Kb / 2P
   SURFACE MOUNT
More results

Similar Description - ESD5Z12V

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com