Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W005 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # W005
Description  REVERSE VOLTAGE - 50 to 1000Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

W005 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  W005 Datasheet HTML 1Page - Bruckewell Technology LTD W005 Datasheet HTML 2Page - Bruckewell Technology LTD W005 Datasheet HTML 3Page - Bruckewell Technology LTD W005 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5WO_WOM SERIES
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
Publication Order Number: [1.5WO_WOM]
© Bruckewell Technology Corporation Rev. A -2016
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbol
W005
W01
W02
W04
W06
W08
W10
Unit
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Maximum Forward Voltage Drop
Per Element at 1.5A Peak
VF
1.1
V
Maximum Reverse Current at
Rated TJ=25°C
DC Blocking Voltage TJ=100°C
IR
10.0
1.0
μA
mA
Operating junction temperature
range
TJ
-55 to +150
°C
storage temperature range
TSTG
-55 to +150
°C


Similar Part No. - W005

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
W005 YIXIN-W005 Datasheet
250Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Surge Components
W005 SURGE-W005 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Suntan Capacitors
W005 SUNTAN-W005 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Microdiode Electronics ...
W005 CHENDA-W005 Datasheet
608Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - W005

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
2W005 FS-2W005 Datasheet
227Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000Volts , Forward Current 2.0 Amperes
logo
Shanghai Lunsure Electr...
6A05 CHENYI-6A05 Datasheet
52Kb / 3P
   6 Amp Rectifier 50-1000Volts
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
   REVERSE VOLTAGE - 50 to 1000 Volts
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
   Reverse Voltage :50 to 1000 Volts
logo
Microdiode Electronics ...
DSR05A CHENDA-DSR05A Datasheet
420Kb / 2P
   Reverse Voltage - 50 to 100 0 Volts
logo
Yea Shin Technology Co....
US1A YEASHIN-US1A Datasheet
38Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF2A YEASHIN-UF2A Datasheet
39Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1F1 CHENYI-1F1 Datasheet
58Kb / 2P
   1.0 Amp Fast Recovert Plastic Rectifier 50 to 1000Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com