Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9240PFCG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCD9240PFCG4
Description  Digital PWM System Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9240PFCG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD9240PFCG4 Datasheet HTML 4Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 5Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 6Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 7Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 8Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 9Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 10Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 11Page - Texas Instruments UCD9240PFCG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
FUNCTIONAL BLOCK DIAGRAM
Compensator
3P/3Z IIR
12-bit
ADC
250 ksps
Osc
ARM-7 core
PMBus
EAp4
EAn4
EAp3
EAn3
EAp2
EAn2
AddrSens0
AddrSens1
CS-1A
CS-1B
CS-2A
CS-2B
CS-3A
CS-3B
CS-4A
CS-4B
Vin/Iin
Vtrack
Temp
V33x
xGnd
Analog Front End
(AFE)
Analog Front End
(AFE)
Analog Front End
(AFE)
Ref
ADC
6 bit
IIR
3P/3Z
Err
Amp
EAp1
EAn1
Coeff.
Regs
Compensator
Analog Front End
ADCref
POR/BOR
DPWM-1A
Ref 1
Analog Comparators
OC
PWM-1A
DPWM-1B
FAULT-1A
FAULT-1B
DPWM-2A
DPWM-2B
FAULT-2A
FAULT-2B
DPWM-3A
DPWM-3B
FAULT-3A
FAULT-3B
DPWM-4A
DPWM-4B
FAULT-4A
FAULT-4B
PMBus-Clk
PMBus-Data
PMBus-Alert
PMBus-Cntl
PowerGood (TMS)
SYNC-IN (TDI)
SYNC -OUT (TDO)
5
6
BPCap
SRE-4B
SRE-4A
SRE-3B
SRE-3A
SRE-2B
SRE-2A
SRE-1B
SRE-1A
SRE
Control
Compensator
3P/3Z IIR
Compensator
3P/3Z IIR
Flash
Memory with
ECC
Diff
Amp
Fusion Power Peripheral 4
Fusion Power Peripheral 3
Fusion Power Peripheral 2
Fusion Power Peripheral 1
Internal
Temp Sense
3.3V reg.
controller
& 1.8V
regulator
Ref 2
Ref 3
Ref 4
Digital
High Res
PWM
Digital
High Res
PWM
Digital
High Res
PWM
Digital
High Res
PWM
Mux
Control
TMUX0
TMUX1
TMUX2
OC
PWM-2A
OC
PWM-3A
OC
PWM-4A
Fan
Control
FAN-TACH (TCK)
FAN-PWM
/RESET
260
UCD9240
SLUS766C – JULY 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCD9240


Similar Part No. - UCD9240PFCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240PFCG4 TI1-UCD9240PFCG4 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9240PFCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com