Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC39151PWPTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC39151PWPTRG4
Description  15-V PROGRAMMABLE HOT AWAP POWER MANAGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39151PWPTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC39151PWPTRG4 Datasheet HTML 1Page - Texas Instruments UCC39151PWPTRG4 Datasheet HTML 2Page - Texas Instruments UCC39151PWPTRG4 Datasheet HTML 3Page - Texas Instruments UCC39151PWPTRG4 Datasheet HTML 4Page - Texas Instruments UCC39151PWPTRG4 Datasheet HTML 5Page - Texas Instruments UCC39151PWPTRG4 Datasheet HTML 6Page - Texas Instruments UCC39151PWPTRG4 Datasheet HTML 7Page - Texas Instruments UCC39151PWPTRG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UCC39151
SLUS184A – FEBRUARY 1999 – REVISED OCTOBER 2001
3
www.ti.com
electrical characteristics over recommended operating virtual junction temperature range,
TA = 0°C to 70°C, VIN = 12 V, IMAX = 0.4 V, SHTDWN = 2.4 V, TA = TJ (unless otherwise noted)
supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage range
7.0
15.0
V
Supply current
1.0
2.0
mA
Sleep mode current
SHTDWN = 0.2 V,
No load
100
150
µA
Output leakage
SHTDWN = 0.2 V
20
mA
output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IOUT = 1 A,
10 V
≤ VIN ≤ 12 V
0.15
0.3
IOUT = 2 A,
10 V
≤ VIN ≤ 12 V
0.3
0.6
Voltage drop
IOUT = 3 A,
10 V
≤ VIN ≤ 12 V
0.45
0.9
V
Voltage drop
IOUT = 1 A,
7 V
≤ VIN ≤ 15 V
0.2
0.4
V
IOUT = 2 A,,
7 V
≤ VIN ≤ 15 V
0.4
0.8
IOUT = 3 A, ,
7 V
≤ VIN ≤ 12 V(max)
0.6
1.2
Initial startup time
See Note 1
100
µs
Short circuit response time
See Note 1
100
ns
Thermal shutdown temperature
See Note 1
165
°C
Thermal hysteresis
See Note 1
10
°C
DAC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Code = 0000 to 0011,
(device off)
Code = 0100
0.07
0.25
0.45
Code = 0101
0.32
0.50
0.7
Code = 0110
0.50
0.75
0.98
Code = 0111
0.75
1.00
1.3
Code = 1000
1.0
1.25
1.6
Trip current
Code = 1001
1.25
1.50
1.85
Tri current
Code = 1010
1.5
1.75
2.15
A
Code = 1011
1.70
2.00
2.4
A
Code = 1100
1.90
2.25
2.7
Code = 1101
2.1
2.50
2.95
Code = 1110
2.30
2.75
3.25
Code = 1111
2.50
3.0
3.5
Maximum output current over trip level
(current source mode)
Code = 0100 to 1111,
IMAX = 0 V
0.35
1.0
1.65
Maximum output current (current source mode)
Code = 0100 to 1111,
IMAX = 2.4 V
3.0
4.0
5.2
open drain output (FAULT)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
High-level output current
FAULT = 5 V
250
µA
Low-level output voltage
IOUT = 5 mA
0.2
0.8
V
NOTE 1: Ensured by design. Not production tested.


Similar Part No. - UCC39151PWPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com