Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC39151PWPTR Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC39151PWPTR
Description  15-V PROGRAMMABLE HOT AWAP POWER MANAGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39151PWPTR Datasheet(HTML) 2 Page - Texas Instruments

  UCC39151PWPTR Datasheet HTML 1Page - Texas Instruments UCC39151PWPTR Datasheet HTML 2Page - Texas Instruments UCC39151PWPTR Datasheet HTML 3Page - Texas Instruments UCC39151PWPTR Datasheet HTML 4Page - Texas Instruments UCC39151PWPTR Datasheet HTML 5Page - Texas Instruments UCC39151PWPTR Datasheet HTML 6Page - Texas Instruments UCC39151PWPTR Datasheet HTML 7Page - Texas Instruments UCC39151PWPTR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UCC39151
SLUS184A – FEBRUARY 1999 – REVISED OCTOBER 2001
2
www.ti.com
description (continued)
When the output current is below the fault level, the output MOSFET is switched on with a nominal on-resistance
of 0.15
Ω. When the output current exceeds the fault level, but is less than the maximum sourcing level, the
output remains switched on but the fault timer starts, charging CT. Once CT charges to a preset threshold, the
switch is turned off, and remains off for 50 times the programmed fault time. When the output current reaches
the maximum sourcing level, the MOSFET transitions from a switch to a constant current source.
absolute maximum ratings
Input voltage, VIN
15.5 V
. . . . . . . . . . . . . . . . . . . .
(VOUT – VIN)
0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . .
FAULT sink current
50 mA
. . . . . . . . . . . . . . . . . . .
FAULT voltage
–0.3 to 8 V
. . . . . . . . . . . . . . . . . . .
Output current, VOUT
Self limiting
. . . . . . . . . . . .
TTL input voltage
–0.3 to VIN
. . . . . . . . . . . . . . . .
Storage temperature
–65
°C to 150°C
. . . . . . . . .
Junction temperature
–55
°C to 150°C
. . . . . . . .
Lead temperature (soldering 10 seconds) 300
°C
† Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended
operating
conditions”
is
not
implied.
Exposure
to
absolute-maximum-rated conditions for extended periods may
affect device reliability. Currents are positive into, negative out of the
specified terminal.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SHTDWN
VIN
VIN
NC
GND*
GND*
GND*
GND*
EGND*
B3
B2
B1
FAULT
VOUT
VOUT
NC
GND*
GND*
GND*
GND*
NC
CT
IMAX
B0
PWP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHTDWN
VIN
VIN
GND*
EGND*
B3
B2
B1
FAULT
VOUT
VOUT
GND*
GND*
CT
IMAX
B0
DIL (N) or SOIC (DP)
PACKAGE
(TOP VIEW)
NC = no connection
* Pin 5 on the N and DP packages (and pin 9 on the PWP package)
serves as the lowest impedance to the electrical ground. Pins 4, 12
and 13 on the DP package (and pins 5, 6, 7, 8, 17, 18, 19, and 20 on
the PWP package) serve as heatsink/ground. These pins should be
connected to large etch areas to help dissipate heat. On the N
package, pins 4, 12 and 13 are not connected.
AVAILABLE OPTIONS
TA
PACKAGES
TA
SOIC (DP)
{
DIL (N)
TSSOP (PWP)
{
0
°C to 70°C
UCC39151DP
UCC39151N
UCC39151PWP
† The DP and PWP packages are available taped and reeled. Add TR suffix to
device type (e.g. UCC39151DPTR) to order quantities of 2500 (DP) or 2000
(PWP) devices per reel.


Similar Part No. - UCC39151PWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com