Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD8220 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCD8220
Description  DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD8220 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD8220 Datasheet HTML 5Page - Texas Instruments UCD8220 Datasheet HTML 6Page - Texas Instruments UCD8220 Datasheet HTML 7Page - Texas Instruments UCD8220 Datasheet HTML 8Page - Texas Instruments UCD8220 Datasheet HTML 9Page - Texas Instruments UCD8220 Datasheet HTML 10Page - Texas Instruments UCD8220 Datasheet HTML 11Page - Texas Instruments UCD8220 Datasheet HTML 12Page - Texas Instruments UCD8220 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
−50
50
125
−25
0
25
75
100
20.0
20.5
21.0
21.5
22.0
22.5
23.0
t − Temperature − °C
VDD=4.75V
VDD=12V
0
1000
1500
500
0
20
40
60
80
100
120
140
160
f − Frequency − kHz
CLOAD =10nF
CLOAD =4.7nF
CLOAD =2.2nF
CLOAD =1nF
0
40
80
120
160
200
240
280
320
0
500
1000
1500
f − Frequency − kHz
CLOAD =10nF
CLOAD =4.7nF
CLOAD =2.2nF
CLOAD =1nF
0
40
80
120
160
200
240
280
0
500
1000
1500
f − Frequency − kHz
CLOAD =10nF
CLOAD =4.7nF
CLOAD =2.2nF
CLOAD =1nF
UCD8220
SLUS652D – MARCH 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
3V3 SHORT-CIRCUIT CURRENT
SUPPLY CURRENT
vs
vs
TEMPERATURE
FREQUENCY (VDD = 5 V)
Figure 7.
Figure 8.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREQUENCY (VDD = 8 V)
FREQUENCY (VDD = 10 V)
Figure 9.
Figure 10.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCD8220


Similar Part No. - UCD8220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220PWP TI-UCD8220PWP Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220PWPR TI-UCD8220PWPR Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220QPWPRQ1 TI1-UCD8220QPWPRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
More results

Similar Description - UCD8220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com