Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC39411D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC39411D
Description  LOW-POWER SYNCHRONOUS BOOST CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39411D Datasheet(HTML) 4 Page - Texas Instruments

  UCC39411D Datasheet HTML 1Page - Texas Instruments UCC39411D Datasheet HTML 2Page - Texas Instruments UCC39411D Datasheet HTML 3Page - Texas Instruments UCC39411D Datasheet HTML 4Page - Texas Instruments UCC39411D Datasheet HTML 5Page - Texas Instruments UCC39411D Datasheet HTML 6Page - Texas Instruments UCC39411D Datasheet HTML 7Page - Texas Instruments UCC39411D Datasheet HTML 8Page - Texas Instruments UCC39411D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
PIN ASSIGNMENTS
UCC29411, UCC29412
UCC29413, UCC39411
UCC39412, UCC39413
SLUS245E – MARCH 2000 – REVISED JULY 2005
VIN: Input voltage to supply the IC during start-up. After the output is running the IC draws power from VOUT or
VGD.
SW: An inductor is connected between this pin and VIN. The VGD (gate drive supply) flyback diode is also
connected to this pin. When servicing the main output supply this pin pulls low, charging the inductor, then shuts
off dumping the energy through the synchronous rectifier to the output. When servicing the VGD supply, the
internal synchronous rectifier stays off and the energy is diverted to VGD through the flyback diode. During
discontinuous portions of the inductor current, a MOSFET resistively connects VIN to SW damping excess
circulating energy to eliminate undesired high-frequency ringing.
VGD: The VGD pin, which is coarsely regulated around 7 V (8.5 V for the UCC39413), is primarily used for the
gate drive supply for the power switches in the IC. This pin can be loaded with up to 10 mA as long as it does
not present a load at voltages below 2 V (this ensures proper start-up of the IC). The VGD supply can go as low
as 6.3 V without interfering with the servicing of the main output. When below 6.3 V, VGD has the highest
priority.
VOUT: Main output voltage (3.3 V, 5 V, or adjustable), has highest priority in the multiplexing scheme, as long as
VGD is above the critical level of 6.3 V. Startup at full load is achievable at input voltages down to 1 V.
CT: This pin provides the timer for determining the reset period. The period is controlled by placing a capacitor to
ground of value C = (0.81e-6)
× t where t is the desired reset period.
RESB: This pin provides an active low signal to alert the user when the main output voltage falls below 10% of
its targeted value. The open-drain output can be used to reset a microcontroller that may be powered off of the
main output voltage.
SD/FB: For the UCC39411, this pin is used to adjust the output voltage via a resistive divider from VOUT. It also
serves as the shutdown pin for all three versions. Pulling this pin low provides a shutdown signal to the IC.
GND: Ground of the IC.
4


Similar Part No. - UCC39411D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39411 TI-UCC39411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
More results

Similar Description - UCC39411D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com