Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC29950DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29950DR
Description  UCC29950 CCM PFC and LLC Combo Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC29950DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC29950DR Datasheet HTML 5Page - Texas Instruments UCC29950DR Datasheet HTML 6Page - Texas Instruments UCC29950DR Datasheet HTML 7Page - Texas Instruments UCC29950DR Datasheet HTML 8Page - Texas Instruments UCC29950DR Datasheet HTML 9Page - Texas Instruments UCC29950DR Datasheet HTML 10Page - Texas Instruments UCC29950DR Datasheet HTML 11Page - Texas Instruments UCC29950DR Datasheet HTML 12Page - Texas Instruments UCC29950DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
UCC29950
www.ti.com
SLUSC18A – SEPTEMBER 2014 – REVISED MARCH 2015
Electrical Characteristics (continued)
–40°C < TJ < 125°C
(1), VCC = 12 V, all voltages are with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBULK, PFC OUTPUT VOLTAGE
PFC output overvoltage protection (auto
VBULK(ovp)
1.06
1.10
1.14
V
recovery)
VBULK(reg)
VBULK regulation set-point
0.907
0.940
0.973
V
VBULK(llc_start)
LLC operation start threshold
0.70
0.73
0.77
V
VBULK(llc_stop)
LLC operation stop threshold
0.45
0.49
0.53
V
AC1, AC2, AC LINE SENSING FOR PFC
RAC1
AC1 pin resistance to AGND
AC1 pin
45
60
71
k
Ω
RAC2
AC2 pin resistance to AGND
AC2 pin
45
60
71
Force current into AC1 or
AC_DET is active HIGH when IAC is below this
IAC(det)
(4) (5)
AC2 pins. Unused pin input
7.03
7.48
7.93
level
at 0 V.
Force current into AC1 or
PFC stage stops 100 ms after IAC is at or below
IAC(low_falling)
(4) (5)
AC2 pins. Unused pin input
7.03
7.48
7.93
this level
at 0 V.
Force current into AC1 or
PFC stage is allowed to start when IAC is at or
IAC(low_rising)
(4) (5)
AC2 pins. Unused pin input
8.04
8.55
9.1
above this level
at 0 V.
µARMS
Force current into AC1 or
IAC(high_falling)
(4) (5
PFC stage restarts if IAC falls below this level. No
AC2 pins. Unused pin input
30.7
32.0
33.3
)
soft-start
at 0 V.
Force current into AC1 or
IAC(high_rising)
(4) (5)
PFC stage stops if IAC is at or above this level
AC2 pins. Unused pin input
31.8
33.1
34.4
at 0 V.
Force current into AC1 or
PFC and LLC stages stop if IAC is at or above
IAC(halt)
(4) (5)
AC2 pins. Unused pin input
32.8
34.2
35.6
this level
at 0 V.
PFC_CS, PFC CURRENT SENSE
Maximum voltage at PFC_CS pin, (ignoring
signal ripple due to inductor ripple current) that
VPFCCS(cav_max)
determines maximum power delivered. Used to
–200
–225
–250
determine RCS_PFC. (see PFC Stage Current
mV
Sensing Figure 13 and Figure 6)
VBULK pin = 800 mV,
VPFCCS(max)
Maximum voltage at PFC_CS pin
–570
–800
–950
|VAC1 – VAC2| = VAC_PEAK
(6)
PFC_GD, PFC GATE DRIVER
VHI(pfc_2mA)
PFC_GD high level
IO(PFC_GD) = –2 mA
11.5
11.8
12.0
V
VHI(pfc_75mA)
PFC_GD high level
IO(PFC_GD) = –75 mA
8.5
9.5
10.5
RPFC(gd_hi)
PFC_GD pull-up resistance
IO(PFC_GD) = –50 mA
14
25
Ω
RPFC(gd_lo)
PFC_GD pull-down resistance
IO(PFC_GD) = 75 mA
4.4
10
Capacitive load of 1.0 nF on
tR(pfc)
PFC_GD rise time
30
45
PFC_GD pin, 20% to 80%
ns
Capacitive load of 1.0 nF on
tF(pfc)
PFC_GD fall time
10
25
PFC_GD pin, 20% to 80%
Includes dithering of ±2 kHz
fPFC
Switching frequency
87
98
109
kHz
at nominal 333-Hz rate.
(4)
These are specified at 25°C. The relative levels for these specifications track each other. The equivalent line voltages are given in
Table 3, assuming a source impedance of 9.3 M
Ω.
(5)
This is the current into the AC1 or AC2 pins.
(6)
Tested at peak of line voltage or 90° from zero crossing.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC29950


Similar Part No. - UCC29950DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29900 TI1-UCC29900 Datasheet
861Kb / 24P
[Old version datasheet]   Integral Cycle Controller
UCC29900 TI-UCC29900 Datasheet
830Kb / 24P
[Old version datasheet]   Integral Cycle Controller
UCC29900PW TI-UCC29900PW Datasheet
830Kb / 24P
[Old version datasheet]   Integral Cycle Controller
UCC29900PWR TI-UCC29900PWR Datasheet
830Kb / 24P
[Old version datasheet]   Integral Cycle Controller
UCC29900 TI-UCC29900_15 Datasheet
830Kb / 24P
[Old version datasheet]   Integral Cycle Controller
More results

Similar Description - UCC29950DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4984D STMICROELECTRONICS-L4984D Datasheet
5Mb / 35P
   CCM PFC controller
April 2013 Rev 1
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
Monolithic Power System...
HR1200 MPS-HR1200 Datasheet
3Mb / 54P
   High-Performance Digital PFCLLC Combo Controller
logo
NXP Semiconductors
TEA2017AAT NXP-TEA2017AAT_V02 Datasheet
608Kb / 66P
   Digital configurable LLC and multimode PFC controller
Rev. 1.2 - 31 July 2023
TEA2017AAT NXP-TEA2017AAT Datasheet
605Kb / 63P
   Digital configurable LLC and multimode PFC controller
Rev. 1-14 June 2021
TEA6017AT NXP-TEA6017AT Datasheet
609Kb / 63P
   Digital configurable LLC and multimode PFC controller
Rev. 1-11 March 2022
TEA2017AAT NXP-TEA2017AAT_V01 Datasheet
621Kb / 69P
   Digital configurable LLC and multimode PFC controller
Rev. 1.1 - 17 May 2023
logo
STMicroelectronics
STNRG011 STMICROELECTRONICS-STNRG011 Datasheet
400Kb / 31P
   Digital combo multi-mode PFC and time-shift LLC resonant controller
DS12075 - Rev 4 - February 2021
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
STMicroelectronics
STNRG011A STMICROELECTRONICS-STNRG011A Datasheet
1Mb / 31P
   Digital combo multi-mode PFC and time-shift LLC resonant controller
Rev 2 - July 2022 For further information contact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com