Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC29002DGK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29002DGK
Description  Advanced 8-Pin Load-Share Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC29002DGK Datasheet(HTML) 3 Page - Texas Instruments

  UCC29002DGK Datasheet HTML 1Page - Texas Instruments UCC29002DGK Datasheet HTML 2Page - Texas Instruments UCC29002DGK Datasheet HTML 3Page - Texas Instruments UCC29002DGK Datasheet HTML 4Page - Texas Instruments UCC29002DGK Datasheet HTML 5Page - Texas Instruments UCC29002DGK Datasheet HTML 6Page - Texas Instruments UCC29002DGK Datasheet HTML 7Page - Texas Instruments UCC29002DGK Datasheet HTML 8Page - Texas Instruments UCC29002DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
8
7
6
5
CS−
CS+
VDD
GND
CSO
LS
EAO
ADJ
CSO
LS
EAO
ADJ
8
7
6
5
1
2
3
4
CS−
CS+
VDD
GND
3
UCC29002, UCC29002-1, UCC39002
www.ti.com
SLUS495I – SEPTEMBER 2001 – REVISED MAY 2016
Product Folder Links: UCC29002 UCC39002
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D or DGK Package
8-Pin SOIC or VSSOP
Top View
P Package
8-Pin PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADJ
5
O
Adjust amplifier output. This is the buffered output of the error amplifier block to adjust output voltage of the
power supply being controlled. This pin must always be connected to a voltage equal to or greater than
VEAO + 1 V.
CS–
1
I
Current sense amplifier inverting input.
CS+
2
I
Current sense amplifier noninverting input.
CSO
8
O
Current sense amplifier output.
EAO
6
O
Output for load share error amplifier. (Transconductance error amplifier.)
GND
4
Ground. Reference ground and power ground for all device functions. Return the device to the low current
sense
−path of the converter.
LS
7
I/O
Load share bus. Output of the load share bus driver amplifier.
VDD
3
I
Power supply providing bias to the device. Bypass with a good quality, low ESL 0.1-µF to 1-µF, maximum,
capacitor as close to the VDD pin and GND as possible.


Similar Part No. - UCC29002DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DGK TI-UCC29002DGK Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DGK TI-UCC29002DGK Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DGK TI-UCC29002DGK Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DGKG4 TI-UCC29002DGKG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DGKG4 TI-UCC29002DGKG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC29002DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com