Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C342B-15JC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C342B-15JC
Description  128-Macrocell MAX EPLDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C342B-15JC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C342B-15JC Datasheet HTML 1Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 2Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 3Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 4Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 5Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 6Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 7Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 8Page - Cypress Semiconductor CY7C342B-15JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY7C342B
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03014 Rev. *B
Page 5 of 14
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................ –65
°C to +135°C
Ambient Temperature with
Power Applied............................................ –65
°C to +135°C
Maximum Junction Temperature
(under bias).................................................................. 150
°C
Supply Voltage to Ground Potential ............–2.0V to +7.0V[1]
DC Output Current per Pin[1] ................... –25 mA to +25 mA
DC Input Voltage[1] .........................................–2.0V to +7.0V
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
5V
± 5%
Industrial
–40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Max.
Unit
VCC
Supply Voltage
Maximum VCC rise time is 10 ms
4.75(4.5)
5.25(5.5)
V
VOH
Output HIGH Voltage
IOH = –4 mA DC
[2]
2.4
V
VOL
Output LOW Voltage
IOL = 8 mA DC
[2]
0.45
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
IIX
Input Current
VI = VCC or ground
–10
+10
µA
IOZ
Output Leakage Current
VO = VCC or ground
–40
+40
µA
tR
Recommended Input Rise Time
100
ns
tF
Recommended Input Fall Time
100
ns
Capacitance
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V, f = 1.0 MHz
10
pF
COUT
Output Capacitance
VOUT = 0V, f = 1.0 MHz
20
pF
AC Test Loads and Waveforms
Notes:
1. Minimum DC input is –0.3V. During transactions, input may undershoot to –2.0V or overshoot to 7.0V for input currents less then 100 mA and periods shorter
than 20 ns.
2. The IOH parameter refers to high-level TTL output current; the IOL parameter refers to low-level TTL output current.
3.0V
5V
OUTPUT
R1 464
R2
250
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 6ns
≤ 6 ns
5V
OUTPUT
R1 464
R2
250
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.75V
Equivalent to:
THÉVENIN EQUIVALENT (commercial/military)
ALL INPUT PULSES
163


Similar Part No. - CY7C342B-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C342B CYPRESS-CY7C342B Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
More results

Similar Description - CY7C342B-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
logo
Cypress Semiconductor
CY7C346 CYPRESS-CY7C346 Datasheet
469Kb / 21P
   USE ULTRA37000TM FOR ALL NEW DESIGNS(128-Macrocell MAX EPLD)
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
logo
Xilinx, Inc
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
   Lowest power 128 macrocell CPLD
logo
Cypress Semiconductor
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com