Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5686PMG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC5686PMG4
Description  27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5686PMG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC5686PMG4 Datasheet HTML 1Page - Texas Instruments UCC5686PMG4 Datasheet HTML 2Page - Texas Instruments UCC5686PMG4 Datasheet HTML 3Page - Texas Instruments UCC5686PMG4 Datasheet HTML 4Page - Texas Instruments UCC5686PMG4 Datasheet HTML 5Page - Texas Instruments UCC5686PMG4 Datasheet HTML 6Page - Texas Instruments UCC5686PMG4 Datasheet HTML 7Page - Texas Instruments UCC5686PMG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UCC5686, UCC5687
27-LINE 3V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,
ULTRA160, AND ULTRA320 SCSI WITH INTEGRATED SPI3 DELAY
SLUS459B – OCTOBER 2000 – REVISED APRIL 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
REG
STRMPWR
DISCNCT1
CONTROL AND
LOW BYTE
DIFFB
Termpower
0.1
µF
7
48
40
9
39
DIFSENS
CONTROL LINES (9)
21
22
60
59
L1+
L1–
L9+
L9–
DATA (8)
+ PARITY LINES
14
13
37
38
L10+
L10–
L18+
L18–
41
42
6
5
L19+
L19–
L27+
L27–
47
DISCNCT2
HIGH BYTE
PTRMPWR
8
4.7
µF
UCC5686
11
10
PGND
SGND
4.7
µF
0.01
µF
DATA (8)
+ PARITY LINES
STRMPWR
REG
DIFFB
40
39
9
7
48
DIFSENS
21
22
60
59
L1+
L1–
L9+
L9–
14
13
37
38
L10+
L10–
L18+
L18–
DISCNCT1
CONTROL AND
LOW BYTE
Termpower
41
42
6
5
L19+
L19–
L27+
L27–
47
DISCNCT2
HIGH BYTE
UCC5686
PTRMPWR
8
4.7
µF
11
10
PGND
SGND
4.7
µF
0.1
µF
0.01
µF
20 k
20 k
LVD
12
0.01
µF
0.01
µF
S1
S2
S4
S3
NOTE A: Close S1, S2, S3, and S4 to connect terminators in UCC5686. Open S1, S2, S3, and S4 to connect terminators in UCC5687.
Figure 1. Typical Application Diagram


Similar Part No. - UCC5686PMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5686PM TI-UCC5686PM Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
UCC5686PMTR TI-UCC5686PMTR Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
UCC5686PMTRG4 TI-UCC5686PMTRG4 Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
More results

Similar Description - UCC5686PMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5646 TI1-UCC5646 Datasheet
125Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3, ULTRA160 AND ULTRA320
UCC5686 TI-UCC5686 Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
[Old version datasheet]   27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
   LVD SCSI 27-Line Regulator
Rev 1; 2/06
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
   LVD SCSI 27-Line Regulator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com