Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD3020A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3020A
Description  Digital Power Controllers
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3020A Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3020A Datasheet HTML 3Page - Texas Instruments UCD3020A Datasheet HTML 4Page - Texas Instruments UCD3020A Datasheet HTML 5Page - Texas Instruments UCD3020A Datasheet HTML 6Page - Texas Instruments UCD3020A Datasheet HTML 7Page - Texas Instruments UCD3020A Datasheet HTML 8Page - Texas Instruments UCD3020A Datasheet HTML 9Page - Texas Instruments UCD3020A Datasheet HTML 10Page - Texas Instruments UCD3020A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
UCD302840Pin
EAP2
EAP1
EAN2
EAN1
2
PWR
2
GND
AD-00/PMB_ADDR1
AD-01/PMB_ADDR2
AD-02
AD-03
AD-04
AD-05
AD-06
AD-07
AD-08
Error ADC
Diff
Amp
Ref
+
+
EA
ADC
6Bit
GND
BPCAP
Digital
HighRes
PWM3
Digital
HighRes
PWM4
Digital
HighRes
PWM2
Digital
HighRes
PWM1
GPIO_00/DPWM-1A
GPIO_04/DPWM-3A
GPIO_05/DPWM-3B
GPIO_06/DPWM-4A
GPIO_07/DPWM-4B
GPIO_02/DPWM-2A
GPIO_03/DPWM-2B
GPIO_01/DPWM-1B
GPIO_08/FAULT-1A
GPIO_10/FAULT-2A
ADC
12Bit
200ksps
Internal
TempSense
AD-02
Ref1
TRIP1
+
+
+
AD-03
AD-04
AD-05
Ref2
Ref3
Ref4
TRIP2
TRIP3
TRIP4
Internal
3.3Vand1.8V
Control
AnalogComparators
1.8V
Regulator
Osc
POR/BOD
Flash
Memory
WithECC
Prog:32KB
Data:2KB
RAM:4KB
ARM7
Based
RISCCPU
PMBus
SCI
Multiplexed
SYNC_IN/
OUT
Timer
PWM
PMBUS-CLK
PMBUS-DATA
PMBUS-ALERT
PMBUS-CNTL
SCI_TX/SYNC_OUT
(1)
TEST
SCI_RX/SYNC_IN
(1)
SYNC_IN
(1)
RESET
GPIO_18/PWM1
GPIO_19/PWM2
Compensator
Compensator
Error ADC
3P–3Z
3P–3Z
CoeffRegs
B0376-02
System
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
(1)
Requires configuration of IO_FUNC_MODE bits in the I/O functional multiplexer control register (IOMUXCTRL)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCD3040 UCD3028 UCD3020


Similar Part No. - UCD3020A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3020RGZR TI-UCD3020RGZR Datasheet
214Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
UCD3020RGZT TI-UCD3020RGZT Datasheet
214Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results

Similar Description - UCD3020A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
List of Unclassifed Man...
AS1854 ETC2-AS1854 Datasheet
1Mb / 52P
   Digital Power PoE PD Controllers
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
   Z8 DIGITAL TELEVISION CONTROLLERS
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com