Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78628DCQ Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS78628DCQ
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78628DCQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS78628DCQ Datasheet HTML 4Page - Texas Instruments TPS78628DCQ Datasheet HTML 5Page - Texas Instruments TPS78628DCQ Datasheet HTML 6Page - Texas Instruments TPS78628DCQ Datasheet HTML 7Page - Texas Instruments TPS78628DCQ Datasheet HTML 8Page - Texas Instruments TPS78628DCQ Datasheet HTML 9Page - Texas Instruments TPS78628DCQ Datasheet HTML 10Page - Texas Instruments TPS78628DCQ Datasheet HTML 11Page - Texas Instruments TPS78628DCQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
2.25
2.50
2.75
3
0
100
200
300
400
500
600
t (ns)
VIN = 4 V,
COUT = 10 µF,
IIN = 1.5 A
Enable
CNR =
0.01
µF
CNR =
0.001
µF
CNR =
0.0047
µF
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 10 µF
Region of Stability
1
500
1000
1500
30
125
TPS78601, TPS78618
TPS78625, TPS78628
TPS78630, TPS78633
SLVS389D – SEPTEMBER 2002 – REVISED OCTOBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS78630
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE
(ESR)
vs
OUTPUT CURRENT
START-UP
Figure 22.
Figure 23.
8


Similar Part No. - TPS78628DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78628DCQ TI-TPS78628DCQ Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628DCQG4 TI-TPS78628DCQG4 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628DCQR TI-TPS78628DCQR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628DCQR TI1-TPS78628DCQR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628DCQR TI1-TPS78628DCQR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78628DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com