Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIUR-16-560 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIUR-16-560
Description  Unshielded Radial Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-16-560 Datasheet(HTML) 1 Page - Abracon Corporation

  AIUR-16-560 Datasheet HTML 1Page - Abracon Corporation AIUR-16-560 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.26.12
Visit www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N:
AIUR-16 Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
-25°C to + 85°C
AIUR-16 Series
• Ferrite core with heat shrink tube
• High Reliability
9.50 x ϕ7.00mm
• Switching Power Supplies
• Noise Filtering
• DC to DC Converters
• Electronic Household Appliances
• Buzzers and Alarm Systems
• Television and Audio Equipment
Unshielded Radial Power Inductor
Pb RoHS/RoHS II compliant
Part Number
AIUR-16-
Inductance Code
Inductance
Tolerance
DCR (Max)
Saturation
Current
(Max)
Temperature
Rise Current
(Max)
Marking
Units
μH
%
Ω
A
A
Symbol
L
DCR
Isat
Irms
AIUR-16-3R9
3.9
K
0.020
2.700
1.300
3R9K
AIUR-16-4R7
4.7
K
0.022
2.500
1.300
4R7K
AIUR-16-5R6
5.6
K
0.027
2.300
1.300
5R6K
AIUR-16-6R8
6.8
K
0.029
2.100
1.300
6R8K
AIUR-16-8R2
8.2
K
0.036
1.900
1.300
8R2K
AIUR-16-100
10
K
0.041
1.700
1.300
100K
AIUR-16-120
12
K
0.046
1.550
1.300
120K
AIUR-16-150
15
K
0.050
1.400
1.300
150K
AIUR-16-180
18
K
0.062
1.300
1.000
180K
AIUR-16-220
22
K
0.071
1.200
1.000
220K
AIUR-16-270
27
K
0.073
1.100
1.000
270K
AIUR-16-330
33
K
0.090
0.920
0.800
330K
AIUR-16-390
39
K
0.102
0.840
0.800
390K
AIUR-16-470
47
K
0.120
0.760
0.800
470K
AIUR-16-560
56
K
0.162
0.700
0.620
560K
AIUR-16-680
68
K
0.186
0.660
0.620
680K
AIUR-16-820
82
K
0.240
0.580
0.490
820K
AIUR-16-101
100
K
0.270
0.530
0.490
101K
AIUR-16-121
120
K
0.310
0.460
0.490
121K
AIUR-16-151
150
K
0.372
0.440
0.490
151K
AIUR-16-181
180
K
0.456
0.390
0.385
181K
AIUR-16-221
220
K
0.535
0.350
0.385
221K
AIUR-16-271
270
K
0.625
0.320
0.385
271K
AIUR-16-331
330
K
0.816
0.300
0.300
331K
AIUR-16-391
390
K
1.000
0.280
0.250
391K
AIUR-16-471
470
K
1.200
0.240
0.250
471K
AIUR-16-561
560
K
1.300
0.225
0.250
561K
AIUR-16-681
680
K
1.800
0.210
0.190
681K
AIUR-16-821
820
K
2.100
0.190
0.190
821K
AIUR-16-102
1000
K
3.000
0.165
0.150
102K
AIUR-16-122
1200
K
3.300
0.155
0.150
122K
AIUR-16-152
1500
K
3.500
0.135
0.150
152K
AIUR-16-182
1800
K
5.700
0.125
0.120
182K
AIUR-16-222
2200
K
6.200
0.115
0.095
222K
AIUR-16-272
2700
K
7.600
0.105
0.095
272K
AIUR-16-332
3300
K
8.500
0.096
0.095
332K
AIUR-16-392
3900
K
10.30
0.084
0.076
392K
AIUR-16-472
4700
K
11.30
0.076
0.076
472K
AIUR-16-562
5600
K
13.00
0.070
0.076
562K
AIUR-16-682
6800
K
17.00
0.064
0.060
682K


Similar Part No. - AIUR-16-560

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-16 ABRACON-AIUR-16 Datasheet
78Kb / 1P
   THRU-HOLE POWER INDUCTORS
More results

Similar Description - AIUR-16-560

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-05_SERIES ABRACON-AIUR-05_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-06_SERIES ABRACON-AIUR-06_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
05.25.2016
AIUR-07_SERIES ABRACON-AIUR-07_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-11_SERIES ABRACON-AIUR-11_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
09.28.12
AIUR-12_SERIES ABRACON-AIUR-12_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
10.06.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com