Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIUR-03-101 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIUR-03-101
Description  Mini Drum Core Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-03-101 Datasheet(HTML) 2 Page - Abracon Corporation

  AIUR-03-101 Datasheet HTML 1Page - Abracon Corporation AIUR-03-101 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
AIUR-03 Series
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
OUTLINE DRAWING:
Dimension: inch/mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
12.0 x ϕ9.0 mm
Mini Drum Core Inductor
AIUR-03-
Inductance Code
Please refer to the
Electrical Spec Table
Tolerance
J: ±5%
K: ±10%
M: ±20%
Revised: 04.24.13
Heat Shrink Tube
0.354 Max
9.00 Max
0.472 Max
12.00 Max


Similar Part No. - AIUR-03-101

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-03 ABRACON-AIUR-03 Datasheet
55Kb / 1P
   THRU-HOLE POWER INDUCTORS
More results

Similar Description - AIUR-03-101

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-02H_SERIES ABRACON-AIUR-02H_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
08.04.14
AIUR-02H-102K ABRACON-AIUR-02H-102K Datasheet
1Mb / 2P
   Mini Drum Core Inductor
04.15.14
AIUR-01_SERIES ABRACON-AIUR-01_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
01.17.13
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1253 FILTRAN-CBP1253 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
logo
Pulse A Technitrol Comp...
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com