Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIUR-09_SERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIUR-09_SERIES
Description  Unshielded Radial Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-09_SERIES Datasheet(HTML) 1 Page - Abracon Corporation

  AIUR-09_SERIES Datasheet HTML 1Page - Abracon Corporation AIUR-09_SERIES Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.29.12
Visit www.abracon.com for Terms & Conditions of Sale
Unshielded Radial Power Inductor
AIUR-09 Series
• Ferrite core with heat shrink tube
• High Reliability
PARAMETERS
ABRACON P/N:
AIUR-09 Series
Operating temperature:
-55°C to + 85°C with full rated current, -55°C ~ +125°C with no load.
Storage temperature:
-40°C to + 85°C
6.0 x ϕ10.0 mm
• Switching Power Supplies
• Noise Filtering
• DC to DC Converters
• Electronic Household Appliances
• Buzzers and Alarm Systems
• Television and Audio Equipment
Test Conditions and equipments
Test frequency: 1KHz for 100μH~1000μH; 2.52MHz for 10μH~82μH
Rated Current: The DC current at which the inductance drops to 90% of its initial value
Part Number
Inductance
Tolerance
DCR
(Max)
Rated Current
(Max)
Inductance
Code
Units
μH
%
Ω
A
Symbol
L
M, K
DCR
IDC
AIUR-09-100
10
M
0.044
3.6
100
AIUR-09-120
12
M
0.054
3.3
120
AIUR-09-150
15
M
0.062
2.9
150
AIUR-09-180
18
M
0.088
2.7
180
AIUR-09-220
22
M
0.092
2.4
220
AIUR-09-270
27
M
0.110
2.2
270
AIUR-09-330
33
M
0.140
2.0
330
AIUR-09-390
39
M
0.160
1.8
390
AIUR-09-470
47
M
0.180
1.7
470
AIUR-09-560
56
M
0.210
1.5
560
AIUR-09-680
68
M
0.25
1.4
680
AIUR-09-820
82
M
0.32
1.3
820
AIUR-09-101
100
K
0.36
1.3
101
AIUR-09-121
120
K
0.42
1.1
121
AIUR-09-151
150
K
0.51
1.0
151
AIUR-09-181
180
K
0.62
0.84
181
AIUR-09-221
220
K
0.70
0.81
221
AIUR-09-271
270
K
0.90
0.72
271
AIUR-09-331
330
K
1.20
0.62
331
AIUR-09-391
390
K
1.30
0.59
391
AIUR-09-471
470
K
1.50
0.57
471
AIUR-09-561
560
K
1.90
0.49
561
AIUR-09-681
680
K
2.40
0.45
681
AIUR-09-821
820
K
2.80
0.43
821
AIUR-09-102
1000
K
3.30
0.36
102


Similar Part No. - AIUR-09_SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-09 ABRACON-AIUR-09 Datasheet
66Kb / 1P
   THRU-HOLE POWER INDUCTORS
12.18.06
More results

Similar Description - AIUR-09_SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-05_SERIES ABRACON-AIUR-05_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-06_SERIES ABRACON-AIUR-06_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
05.25.2016
AIUR-07_SERIES ABRACON-AIUR-07_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-11_SERIES ABRACON-AIUR-11_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
09.28.12
AIUR-12_SERIES ABRACON-AIUR-12_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
10.06.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com