Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVCR10050-LF Datasheet(PDF) 1 Page - Dubilier

Part # DVCR10050-LF
Description  ELECTROLYTIC - 85째C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVCR10050-LF Datasheet(HTML) 1 Page - Dubilier

  DVCR10050-LF Datasheet HTML 1Page - Dubilier DVCR10050-LF Datasheet HTML 2Page - Dubilier DVCR10050-LF Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
73
SURFACE MOUNT
ELECTROLYTIC - 85˚C DVCR
Cylindrical leadless type for surface mounting
Low cost, general purpose, 2000 hours at 85°
New expanded CV Range
Anti-solvent (2 minutes)
Designed for automatic mounting and reflow soldering
DVCR
47
6.3
Range
Capacitance
µF
Voltage
COEFFICIENT OF FREQUENCY FOR RATED RIPPLE CURRENT
ORDERING INFORMATION
SPECIFICATIONS
Item
Performance
Category Temperature Range (°C) –40 to +85
Tolerance of Rated Capacity (%)
± 20
Leakage Current (µA)
Less than 0.01CV or 3 whichever is larger (after 2min) C: rated capacitance (µF)
Tangent of Loss Angle (tan∂)
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
tan∂ (max)
Ø3
0.42 0.30 0.24 0.22 0.16 0.14 0.12
Ø4 to Ø6.3
0.42 0.28 0.24 0.20 0.14 0.12 0.10
Ø8 to Ø10
0.28 0.24 0.20 0.14 0.12 0.10 0.10 0.10
Characteristics at high and low
temperatures
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
Imped-
ance
Ø3
Z–25°C / Z+20°C
7
4
3
2
2
2
2
Z–40°C / Z+20°C
17
10
8
6
4
3
3
Ø4 to Ø6.3 Z–25°C / Z+20°C
7
3
3
2
2
2
2
Z–40°C / Z+20°C
15
8
5
4
3
3
3
Ø8 to Ø10 Z–25°C / Z+20°C
4
3
2
2
2
2
2
2
Z–40°C / Z+20°C
8
5
4
3
3
3
3
3
Endurance (85°C)
(Applied Ripple Current)
Test Time
2000 hours
Leakage Current
The initial specified value or less
Percentage of Capacitance Change
Within ±20% of initial value (4wv± 30%)
Tangent of Loss Angle
200% or less of the initial specified value (4wv: 3000%)
Shelf Life (85°C)
Test Time: 1000 hours: other items are the same as those for endurance. JIS C5101-1
Applicable Standards
JIS C5101-1, –18 1998 (IEC600384-1 1992, -18 1993)
Frequency (Hz)/Rated Voltage
50-60
120
1k
10k - 100k
4 to 16
0.8
1
1.15
1.25
25 to 35
0.8
1
1.25
1.40
50 to 63
0.8
1
1.35
1.50
100
0.7
1
1.35
1.50
LF
Can Size
Small = Blank
D8 = 8mm dia
D10 = 10mm dia
Lead Free
www.dubilier.co.uk


Similar Part No. - DVCR10050-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVCR476.3LF DUBILIER-DVCR476.3LF Datasheet
167Kb / 1P
   CRYSTALS REDUCED HEIGHT DXT493
More results

Similar Description - DVCR10050-LF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com